Electronic Components Datasheet Search
  English  ▼

X  

P6SMA Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # P6SMA
Description  Surface Mount Transient Voltage Suppressor Power 600W
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

P6SMA Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  P6SMA Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. P6SMA Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. P6SMA Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P6SMA Series
Surface Mount Transient Voltage Suppressor Power 600W
Maximum Ratings and Electrical characteristics
Ratings at 25
ambient temperature unless otherwise specified.
°C
Parameter
Typical Junction capacitance at VR=4V, f=1MHz
Symbol
Value
Unit
PPPM
600
W
390
CJ
IFSM
100
A
Peak Pulse Current on 10/1000 us waveform (Note 1, Fig 3)
IPPM
see Table 1
ESD Voltage per IEC6100-4-2
Contact
Air
Typical Thermal Resistance Junction to Ambient(Note 2)
Operating Junction Temperature and Storage Temperature Range
VESD1
V
ESD2
RθJA
T , T
j
stg
30
30
100
°C
-55 ~ +150
NOTES
:
1
. Non-repetitive current pulse, per Fig.3 and derated above T = 25
per Fig
. 2.
A
2
.
3
. Measured on 8.3ms,single half sine-wave or equivalent square wave,duty cycle=4 pulses per minute maximum.
4
. Peak pulse power waveform is 10/1000μS.
°C
2
Mounted on 5 mm (0.13mm thick) land areas.
°C/W
A
kV
pF
Peak Pulse Power Dissipation on 10/1000 s waveform
(Note1,Note2, Fig.1).
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
Superimposed on Rated Load, (JEDEC Method) (Note 3,Fig4).
(UNI)
http://www.trr-jx.com
version: 02
H
E
G
D
B
C
Cathode
Band
SMA-(DO-214AC)
MIN
MAX
MIN
MAX
A
0.067
0.091
1.70
2.31
B
0.051
0.067
1.29
1.70
C
0.002
0.008
0.05
1
0.20
3
D
——
0.020
——
0.51
E
0.030
0.060
0.76
1.52
G
0.185
0.209
4.70
5.31
H
0.157
0.181
4.00
4.60
J
0.086
0.110
2.18
2.79
DIMENSIONS
DIM
INCHES
MM
NOTE
FEATURES
• For surface mounted applications in order to
optimize board space.
• Low profile package
• Glass passivated junction
• Low inductance
• Plastic package has Underwriters Laboratory
Flammability
MECHANICAL DATA
Case: SMA
Terminals: Solderable per MIL-STD-750, Method 202
pprox. Weight: 0.055g / 0.002oz
•
•
• A
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Simplified outline SMA and symbol
Unipolar
Bipolar
PACKAGE OUTLINE


Similar Part No. - P6SMA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
P6SMA LUGUANG-P6SMA Datasheet
1Mb / 3P
Surface Mount Transient Voltage Suppressors Power 600W
P6SMA100A LUGUANG-P6SMA100A Datasheet
1Mb / 3P
Surface Mount Transient Voltage Suppressors Power 600W
P6SMA100CA LUGUANG-P6SMA100CA Datasheet
1Mb / 3P
Surface Mount Transient Voltage Suppressors Power 600W
P6SMA10A LUGUANG-P6SMA10A Datasheet
1Mb / 3P
Surface Mount Transient Voltage Suppressors Power 600W
P6SMA10CA LUGUANG-P6SMA10CA Datasheet
1Mb / 3P
Surface Mount Transient Voltage Suppressors Power 600W
More results

Similar Description - P6SMA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMBJ50CA DIODES-SMBJ50CA Datasheet
81Kb / 3P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
SMBJ50CA DIODES-SMBJ50CA_1 Datasheet
80Kb / 4P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
logo
Frontier Electronics.
P6SMBJ5.0 FRONTIER-P6SMBJ5.0 Datasheet
133Kb / 4P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ7.5CA-13 DIODES-SMBJ7.5CA-13 Datasheet
142Kb / 5P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 17
SMBJ15CA-13 DIODES-SMBJ15CA-13 Datasheet
142Kb / 5P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 17
SMBJ51CA-13 DIODES-SMBJ51CA-13 Datasheet
142Kb / 5P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 17
SMBJ350A-13-F DIODES-SMBJ350A-13-F Datasheet
100Kb / 4P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 2
logo
Guangdong Juxing Electr...
P6SMBF JUXING-P6SMBF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor Power 600W
SMBJ JUXING-SMBJ Datasheet
898Kb / 4P
Surface Mount Transient Voltage Suppressor Power 600W
logo
Diodes Incorporated
P6SMAJ58ADFQ-13 DIODES-P6SMAJ58ADFQ-13 Datasheet
375Kb / 6P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com