Electronic Components Datasheet Search
  English  ▼

X  

P6SMA Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # P6SMA
Description  Surface Mount Transient Voltage Suppressor Power 600W
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

P6SMA Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  P6SMA Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. P6SMA Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. P6SMA Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Reverse
Stand off
Voltage VR
Test
Current
IT
Maximum
Clamping
Voltage VC
@ Ipp
Maximum
Peak Pulse
Current
Ipp
Maximum
Reverse
Leakage
IR@ VR
(Uni)
(Bi)
NI
UNI
U
(Volts)
MIN
MAX
(mA)
(V)
(A)
(μA)
P6SMA6.8A P6SMA6.8CA 6V8A 6V8C
5.8
6.45
7.14
10
10.5
58.1
1000
P6SMA7.5A P6SMA7.5CA 7V5A 7V5C
6.4
7.13
7.88
10
11.3
54.0
500
P6SMA8.2A P6SMA8.2CA 8V2A 8V2C
7.0
7.79
8.61
10
12.1
50.4
200
P6SMA9.1A P6SMA9.1CA 9V1A 9V1C
7.8
8.65
9.55
1
13.4
45.5
50
P6SMA10A P6SMA10CA
10A
10C
8.6
9.50
10.50
1
14.5
42.1
10
P6SMA11A P6SMA11CA
11A
11C
9.4
10.50
11.60
1
15.6
39.1
5
P6SMA12A P6SMA12CA
12A
12C
10.2
11.40
12.60
1
16.7
36.5
5
P6SMA13A P6SMA13CA
13A
13C
11.1
12.40
13.70
1
18.2
33.5
1
P6SMA15A P6SMA15CA
15A
15C
12.8
14.30
15.80
1
21.2
28.8
1
P6SMA16A P6SMA16CA
16A
16C
13.6
15.20
16.80
1
22.5
27.1
1
P6SMA18A P6SMA18CA
18A
18C
15.3
17.10
18.90
1
25.5
24.2
1
P6SMA20A P6SMA20CA
20A
20C
17.1
19.00
21.00
1
27.7
22.0
1
P6SMA22A P6SMA22CA
22A
22C
18.8
20.90
23.10
1
30.6
19.9
1
P6SMA24A P6SMA24CA
24A
24C
20.5
22.80
25.20
1
33.2
18.4
1
P6SMA27A P6SMA27CA
27A
27C
23.1
25.70
28.40
1
37.5
16.3
1
P6SMA30A P6SMA30CA
30A
30C
25.6
28.50
31.50
1
41.4
14.7
1
P6SMA33A P6SMA33CA
33A
33C
28.2
31.40
34.70
1
45.7
13.3
1
P6SMA36A P6SMA36CA
36A
36C
30.8
34.20
37.80
1
49.9
12.2
1
P6SMA39A P6SMA39CA
39A
39C
33.3
37.10
41.00
1
53.9
11.3
1
P6SMA43A P6SMA43CA
43A
43C
36.8
40.90
45.20
1
59.3
10.3
1
P6SMA47A P6SMA47CA
47A
47C
40.2
44.70
49.40
1
64.8
9.4
1
P6SMA51A P6SMA51CA
51A
51C
43.6
48.50
53.60
1
70.1
8.7
1
P6SMA56A P6SMA56CA
56A
56C
47.8
53.20
58.80
1
77.0
7.9
1
P6SMA62A P6SMA62CA
62A
62C
53.0
58.90
65.10
1
85.0
7.2
1
P6SMA68A P6SMA68CA
68A
68C
58.1
64.60
71.40
1
92.0
6.6
1
P6SMA75A P6SMA75CA
75A
75C
64.1
71.30
78.80
1
103.0
5.9
1
P6SMA82A P6SMA82CA
82A
82C
70.1
77.90
86.10
1
113.0
5.4
1
P6SMA91A P6SMA91CA
91A
91C
77.8
86.50
95.50
1
125.0
4.9
1
P6SMA100A P6SMA100CA 100A
100C
85.5
95.00
105.00
1
137.0
4.5
1
P6SMA110A P6SMA110CA 110A
110C
94.0
105.00
116.00
1
152.0
4.0
1
P6SMA120A P6SMA120CA 120A
120C
102.0
114.00
126.00
1
165.0
3.7
1
P6SMA130A P6SMA130CA 130A
130C
111.0
124.00
137.00
1
179.0
3.4
1
P6SMA150A P6SMA150CA 150A
150C
128.0
143.00
158.00
1
207.0
2.9
1
P6SMA160A P6SMA160CA 160A
160C
136.0
152.00
168.00
1
219.0
2.8
1
P6SMA170A P6SMA170CA 170A
170C
145.0
162.00
179.00
1
234.0
2.6
1
P6SMA180A P6SMA180CA 180A
180C
154.0
171.00
189.00
1
246.0
2.5
1
P6SMA200A P6SMA200CA 200A
200C
171.0
190.00
210.00
1
274.0
2.2
1
P6SMA220A P6SMA220CA 220A
220C
185.0
209.00
231.00
1
328.0
1.9
1
P6SMA250A P6SMA250CA 250A
250C
214.0
237.00
263.00
1
344.0
1.8
1
P6SMA300A P6SMA300CA 300A
300C
256.0
285.00
315.00
1
414.0
1.5
1
P6SMA350A P6SMA350CA 350A
350C
300.0
332.00
368.00
1
482.0
1.3
1
P6SMA400A P6SMA400CA 400A
400C
342.0
380.00
420.00
1
548.0
1.1
1
P6SMA440A P6SMA440CA 440A
440C
376.0
418.00
462.00
1
602.0
1.0
1
P6SMA480A P6SMA480CA 480A
480C
408.0
456.00
504.00
1
658.0
0.9
1
P6SMA510A P6SMA510CA 510A
510C
434.0
485.00
535.00
1
698.0
0.9
1
P6SMA530A P6SMA530CA 530A
530C
477.0
503.50
556.50
1
725.0
0.8
1
P6SMA540A P6SMA540CA 540A
540C
486.0
513.00
567.00
1
740.0
0.8
1
P6SMA550A P6SMA550CA 550A
550C
495.0
522.50
577.50
1
760.0
0.8
1
Part
Number
Marking
Breakdown
Voltage VBR
(Volts) @ IT
BI
Characteristics at Ta = 25
°C
Table 1
http://www.trr-jx.com
version: 02
P6SMA Series
Surface Mount Transient Voltage Suppressor Power 600W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com