Electronic Components Datasheet Search
  English  ▼

X  

AR0132AT Datasheet(PDF) 13 Page - ON Semiconductor

Part # AR0132AT
Description  1/3-Inch CMOS Digital Image Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0132AT Datasheet(HTML) 13 Page - ON Semiconductor

Back Button AR0132AT Datasheet HTML 9Page - ON Semiconductor AR0132AT Datasheet HTML 10Page - ON Semiconductor AR0132AT Datasheet HTML 11Page - ON Semiconductor AR0132AT Datasheet HTML 12Page - ON Semiconductor AR0132AT Datasheet HTML 13Page - ON Semiconductor AR0132AT Datasheet HTML 14Page - ON Semiconductor AR0132AT Datasheet HTML 15Page - ON Semiconductor AR0132AT Datasheet HTML 16Page - ON Semiconductor AR0132AT Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
AR0132AT/D Rev. 9, 2/16 EN
13
©Semiconductor Components Industries, LLC, 2016.
AR0132AT: 1/3-Inch CMOS Digital Image Sensor
Output Data Format
Parallel Output Data Timing
The output images are divided into frames, which are further divided into lines. By
default, the sensor produces 968 rows of 1284 columns each. The FRAME_VALID (FV)
and LINE_VALID (LV) signals indicate the boundaries between frames and lines, respec-
tively. PIXCLK can be used as a clock to latch the data. For each PIXCLK cycle, with
respect to the falling edge, one 12-bit pixel datum outputs on the DOUT pins. When both
FV and LV are asserted, the pixel is valid. PIXCLK cycles that occur when FV is de-
asserted are called vertical blanking. PIXCLK cycles that occur when only LV is de-
asserted are called horizontal blanking.
Figure 9:
Default Pixel Output Timing
LV and FV
The timing of the FV and LV outputs is closely related to the row time and the frame time.
FV will be asserted for an integral number of row times, which will normally be equal to
the height of the output image.
LV will be asserted during the valid pixels of each row. The leading edge of LV will be
offset from the leading edge of FV by six PIXCLKs. Normally, LV will only be asserted if FV
is asserted; this is configurable as described below.
LV Format Options
The default situation is for LV to be de-asserted when FV is de-asserted. By configuring
R0x306E[1:0], the LV signal can take two different output formats. The formats for
reading out four lines and two vertical blanking lines are shown in Figure 10.
PIXCLK
FV
LV
DOUT[11:0]
Vertical Blanking
Valid Image Data
P0
P1
P2
P3
P4
Pn
P5
Vertical Blanking
Horizontal
Blanking
Horizontal
Blanking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com