Electronic Components Datasheet Search
  English  ▼

X  

AR0132AT Datasheet(PDF) 21 Page - ON Semiconductor

Part # AR0132AT
Description  1/3-Inch CMOS Digital Image Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0132AT Datasheet(HTML) 21 Page - ON Semiconductor

Back Button AR0132AT Datasheet HTML 17Page - ON Semiconductor AR0132AT Datasheet HTML 18Page - ON Semiconductor AR0132AT Datasheet HTML 19Page - ON Semiconductor AR0132AT Datasheet HTML 20Page - ON Semiconductor AR0132AT Datasheet HTML 21Page - ON Semiconductor AR0132AT Datasheet HTML 22Page - ON Semiconductor AR0132AT Datasheet HTML 23Page - ON Semiconductor AR0132AT Datasheet HTML 24Page - ON Semiconductor AR0132AT Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
AR0132AT/D Rev. 9, 2/16 EN
21
©Semiconductor Components Industries, LLC, 2016.
AR0132AT: 1/3-Inch CMOS Digital Image Sensor
High Dynamic Range Mode
HDR Specific Exposure Settings
In HDR mode, pixel values are stored in line buffers while waiting for all 3 exposures to
be available for final pixel data combination. There are 42 line buffers used to store inter-
mediate T1 data. Due to this limitation, the maximum coarse integration time possible is
equal to 42*T1/T2 lines.
For example, if R0x3082[3:2] = 2, the sensor is set to have T1/T2 ratio = 16x. Therefore the
maximum number of integration lines is 42*16 = 672 lines. If coarse integration time is
greater than this, the T2 integration time will stay at 42 lines. The sensor calculates the
ratio internally, enabling the linearization to be performed. If companding is being used
then relinearization would still follow the programmed ratio. For example, if the T1/T2
ratio was programmed to 16x but coarse integration was increased beyond 672 then one
would still use the 16x relinearization formulas.
An additional limitation is the maximum number of exposure lines in relation to the
frame_length_lines register. In Linear mode, as described on page 20, maximum
coarse_integration_time = frame_length_lines - 1. However in HDR mode, since the
coarse integration time register controls T1, the max coarse_integration time is
frame_length_lines - 45.
Putting the two criteria listed above together, it can be summarized as follows:
(EQ 3)
In HDR mode, subline integration is not utilized. As such, fine integration time register
changes will have no effect on the image.
There is also a limitation of the minimum number of exposure lines that can be used.
This is summarized in the following formula:
(EQ 4)
Due to limitation on the internal floating point calculation, the exact ratio specified by
the RATIO_T2_T3 (R0x3082[5:4]) may not be achievable.
Motion Compensation
In typical multi-exposure HDR systems, motion artifacts can be created when objects
move during the T1, T2 or T3 integration time. When this happens, edge artifacts can
potentially be visible and might look like a ghosting effect.
To correct this feature, the AR0132AT has special 2D motion compensation circuitry that
detects motion artifacts and corrects the image accordingly.
There are two motion compensation options available. One using the default HDR
motion compensation feature can be enabled by setting R0x318C[14] = 1. Additional
parameters are available to control the extent of motion detection and correction as per
the requirements of the specific application. These can be set in R0x318C–R0x3190. The
other is using the DLO method of HDR combination. When using DLO, R0x318C[14] is
ignored. DLO is enabled by setting R0x3190[13] = 1. Noise filtering is enabled by setting
R0x3190[14] = 1. For more information, please refer to the AR0132AT Register Reference
document.
maximum coarse_integration_time
minimum 42 T1 T2, frame_length_lines 45
–

=
minimum coarse_integration_time
0.5
*T1 T2
 T2 T3

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com