Electronic Components Datasheet Search
  English  ▼

X  

2LD545 Datasheet(PDF) 5 Page - MotionKing Motor Industry Co.,Ltd.

Part # 2LD545
Description  Fully Digital Stepping Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTIONKING [MotionKing Motor Industry Co.,Ltd.]
Direct Link  http://www.motionking.com/
Logo MOTIONKING - MotionKing Motor Industry Co.,Ltd.

2LD545 Datasheet(HTML) 5 Page - MotionKing Motor Industry Co.,Ltd.

  2LD545 Datasheet HTML 1Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 2Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 3Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 4Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 5Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 6Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 7Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 8Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 9Page - MotionKing Motor Industry Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Contents
5
Figure 3: Connection to PNP signal (common-cathode)
5. Connecting the Motor
The 2LD545 can drive any 2-pahse and 4-pahse hybrid stepping motors.
Connections to 4-lead Motors
4 lead motors are the least flexible but easiest to wire. Speed and torque will depend on winding
inductance. In setting the driver output current, multiply the specified phase current by 1.4 to
determine the peak output current.
Figure 4: 4-lead Motor Connections
Connections to 6-lead Motors
Like 8 lead stepping motors, 6 lead motors have two configurations available for high speed or high
torque operation. The higher speed configuration, or half coil, is so described because it uses one half
of the motor’s inductor windings. The higher torque configuration, or full coil, uses the full windings
of the phases.
Driver
Controller
PULS
DC24~50V
M
屏蔽线接地
PUL+
PUL-
DIR+
DIR-
ENB+
ENB-
GND
VDC
A+
A-
B+
B-
●
驱动器与上位控制器的连接
电缆最好选择带屏蔽,屏蔽
层连接标准大地或上位控
制器接地端。
●
根据驱动器输出电流设置选
择电源线和电机动力线的
直径,一般不要小于
1mm²
线经。
DIR
ENBL
Contents
6
Half Coil Configurations
As previously stated, the half coil configuration uses 50% of the motor phase windings. This gives
lower inductance, hence, lower torque output. Like the parallel connection of 8 lead motor, the torque
output will be more stable at higher speeds. This configuration is also referred to as half chopper. In
setting the driver output current multiply the specified per phase (or unipolar) current rating by 1.4 to
determine the peak output current.
Figure 5: 6-lead motor half coil (higher speed) connections
Full Coil Configurations
The full coil configuration on a six lead motor should be used in applications where higher torque at
lower speeds is desired. This configuration is also referred to as full copper. In full coil mode, the
motors should be run at only 70% of their rated current to prevent over heating.
Figure 6: 6-lead motor full coil (higher torque) connections
Connections to 8-lead Motors
8 lead motors offer a high degree of flexibility to the system designer in that they may be connected
in series or parallel, thus satisfying a wide range of applications.
Series Connections
A series motor configuration would typically be used in applications where a higher torque at lower
speeds is required. Because this configuration has the most inductance, the performance will start to
degrade at higher speeds. In series mode, the motors should also be run at only 70% of their rated
current to prevent over heating.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com