Electronic Components Datasheet Search
  English  ▼

X  

2LD545 Datasheet(PDF) 8 Page - MotionKing Motor Industry Co.,Ltd.

Part # 2LD545
Description  Fully Digital Stepping Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTIONKING [MotionKing Motor Industry Co.,Ltd.]
Direct Link  http://www.motionking.com/
Logo MOTIONKING - MotionKing Motor Industry Co.,Ltd.

2LD545 Datasheet(HTML) 8 Page - MotionKing Motor Industry Co.,Ltd.

  2LD545 Datasheet HTML 1Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 2Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 3Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 4Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 5Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 6Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 7Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 8Page - MotionKing Motor Industry Co.,Ltd. 2LD545 Datasheet HTML 9Page - MotionKing Motor Industry Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Contents
11
9. Typical Connection
A complete stepping system should include stepping motor, stepping driver, power supply and
controller (pulse generator). A typical connection is shown as figure 9.
DM556 Driver
DIR+
Controller
VCC
PUL-
+20
+50 VDC
Stepping Motor
VDC
GND
A+
A-
B+
270Ω
270Ω
270Ω
PUL+
ENA-
R=0 if VCC=5V;
R=1K(Power>0.125W) if VCC=12V;
R=2K(Power>0.125W) if VCC=24V;
R must be connected to control signal terminal.
R
R
R
PUL
DIR
ENABLE
B-
DIR-
ENA+
Figure 9: Typical connection
10. Sequence Chart of Control Signals
In order to avoid some fault operations and deviations, PUL, DIR and ENA should abide by some
rules, shown as following diagram:
Figure 10: Sequence chart of control signals
Remark:
a)
t1: ENA must be ahead of DIR by at least 5
μs. Usually, ENA+ and ENA- are NC (not
connected). See “Connector P1 Configurations” for more information.
2LD545 Driver
Contents
12
b)
t2: DIR must be ahead of PUL active edge by 5
μs to ensure correct direction;
c)
t3: Pulse width not less than 2.5
μs;
d)
t4: Low level width not less than 2.5
μs.
11. Protection Functions
To improve reliability, the driver incorporates some built-in protection functions. The 2LD545
uses one RED LED to indicate what protection has been activated. The periodic time of RED is 3
s (seconds), and how many times the RED turns on indicates what protection has been activated.
Because only one protection can be displayed by RED LED, so the driver will decide what error to
display according to their priorities. See the following Protection Indications table for displaying
priorities.
Over-current Protection
Over-current protection will be activated when continuous current exceeds 16A or in case of short
circuit between motor coils or between motor coil and ground, and RED LED will turn on once
within each periodic time (3 s).
Over-voltage Protection
When power supply voltage exceeds 52±1 VDC, protection will be activated and RED LED will
turn on twice within each periodic time (3 s).
Phase Error Protection
Motor power lines wrong & not connected will activate this protection. RED LED will turn on four
times within each periodic time (3 s).
Attention: When above protections are active, the motor shaft will be free or the LED will turn red.
Reset the driver by repowering it to make it function properly after removing above problems. Since
there is no protection against power leads (﹢,﹣) reversal, it is critical to make sure that power
supply leads correctly connected to driver. Otherwise, the driver will be damaged instantly.
Protection Indications
Priority
Time(s) of ON
Sequence wave of RED LED
Description
1
st
1
Over-current protection



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com