Electronic Components Datasheet Search
  English  ▼

X  

HT4929E Datasheet(PDF) 3 Page - Hotchip Technology Co.,Ltd

Part # HT4929E
Description  ChargIng, electric discharge can be used in a port, intelligent recognition charging input load output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT4929E Datasheet(HTML) 3 Page - Hotchip Technology Co.,Ltd

  HT4929E Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT4929E Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT4929E Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT4929E Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT4929E Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT4929E Datasheet HTML 6Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HT4929E
3/6
www.hotchip.com.cn
Ver1.1
移动电源管理方案
典型参数
(
除特殊说明外,所有参数均在室温下测得,并以 GND 端电位为 0 电位)
符号
特性
测试条件
单位
Min
Typ
Max
系统参数
VIN
输入电压范围
V
4.5
5
5.8
Vbat
电池电压
V
2.8
4.35
充电参数
VIN 掉电监
测
VIN 从低到高
Vin>BAT
mV
100
VIN 从高到低
Vin>BAT
mV
30
Vfloat
浮充门槛电压
VIN=5.0V
V
4.152
4.20
4.242
Ichg
充电电流
VIN=4.75-5.25V
Prog=gnd
A
1.00
VTRKL
涓流转恒流
VBAT 从低到高
V
2.8
VTRHYS
涓流充电迟滞电压
mV
100
VRECHG
复充门槛电压
V
4.1
放电参数
Vo
升压系统输出电压
V
4.95
5.10
5.25
Iout
输出电流
BAT=3.6V
Vout>4.8V
A
0.9
1.0
1.20
VOVP
输出过压保护
BAT=3.6V
V
5.8
VOVP_DIS
V
5.4
VUVLO
升压欠压保护
BAT 由高到低
V
2.8
VUVLO_R
升压欠压恢复
BAT 由低到高
V
3.20
IBAT1
Vout=5.5V,No
switching
mA
0.2
IBAT2
Vout=4.5V,
switching
mA
1
FOSC
工作频率
MHz
1
Iauto_off
自动关机负载电流
BAT=3.6V
Cout=22uF
mA
50
Istb
待机电流
BAT=3.6V
uA
15
40
OTP
过温保护
degC
150
OTP_HYS
迟滞
degC
30



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com