Electronic Components Datasheet Search
  English  ▼

X  

HT4929E Datasheet(PDF) 5 Page - Hotchip Technology Co.,Ltd

Part # HT4929E
Description  ChargIng, electric discharge can be used in a port, intelligent recognition charging input load output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT4929E Datasheet(HTML) 5 Page - Hotchip Technology Co.,Ltd

  HT4929E Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT4929E Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT4929E Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT4929E Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT4929E Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT4929E Datasheet HTML 6Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HT4929E
5/6
www.hotchip.com.cn
Ver1.1
移动电源管理方案
PCB LAYOUT 参考
C1,C2 要紧靠芯片 2mm 以内,
并且到芯片管脚的
连线尽量短;为防止 L1 的热量影响芯片,L1 可稍
远点在 5-10mm 左右,用粗线连接
静电防护措施
CMOS
电路为静电敏感器件,在生产、运输
过程中需采取下面的预防措施,可以有效防止
CMOS 电路由于受静电放电影响而引起的损坏;
1.
操作人员要通过放静电腕带接地;
2.
生产设备外壳必须接地;
3.
装配过程中使用的工具必须接地;
4.
必须采用半导体包装或抗静电材料包装或运
输。
封装信息
ESOP8 封装外观



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com