Electronic Components Datasheet Search
  English  ▼

X  

HT7913E Datasheet(PDF) 3 Page - Hotchip Technology Co.,Ltd

Part # HT7913E
Description  A linear charging model in the built-in maximum 1 A linear charging mode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT7913E Datasheet(HTML) 3 Page - Hotchip Technology Co.,Ltd

  HT7913E Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT7913E Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT7913E Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT7913E Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT7913E Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT7913E Datasheet HTML 6Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HT7913E
3/6
www.hotchip.com.cn
Ver1.1
蓝牙音箱电源管理方案
电气特性参数(除特殊说明外,所有参数均在室温 25℃下测得,并以 GND 端电位为 0 电位)
符号
特性
测试条件
单位
Min
Typ
Max
系统参数
VIN
输入电压范围
V
4.5
5
5.5
Vbat
电池电压
V
2.8
4.35
Isleep
休眠电流
BTP=3.2-4.2V
uA
50
充电参数
VIN 掉电监测
VIN 从低到高
Vin>BAT
mV
100
VIN 从高到低
Vin>BAT
mV
30
Vfloat1
浮充门槛电压
V
4.18
4.22
4.26
Vfloat2
浮充门槛电压
V
4.30
4.35
4.40
Ibat
BAT 倒灌电流
Vcc=3.5V,Vbat=4.2V
uA
±0.5
±5
VTRKL
涓流转恒流
VBAT 从低到高
V
2.8
VTRHYS
涓流充电迟滞电压
mV
100
VUV
Vcc 欠压闭锁门限
Vcc 从低到高
V
3.7
VUVHYS
Vcc 欠压闭锁迟滞
mV
200
VRECHG
复充门槛电压
V
4.1
Vprog1
涓流时 PROG 电压
V
0.1
Vprog2
大电流时 PROG 电压
V
1
FLED
充电时 LED 闪烁频率
Hz
1
VOVPC
充电输入过 保护
V
6.0
6.2
6.4
放电参数
VEN
使能开启电压
V
0
1.5
FB
升压系统参考电压
mV
582
600
618
INOLOADOFF
空载检测电流门槛
mA
25
50
75
Fsw
开关频率
KHZ
520
650
780
Dmax
最大占空比
%
78
90
95
TN_DRIVE
NGATE 驱动 (load=1nF)
上升沿时间
nS
10
下降沿时间
nS
8.5
Vocp
峰值电流阈值
BTP=3.6V
mV
115
120
125
恒功率输出电流偏差
BTP=3.2-4.2V
%
-10
0
10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com