Electronic Components Datasheet Search
  English  ▼

X  

MSM6653 Datasheet(PDF) 43 Page - OKI electronic componets

Part # MSM6653
Description  Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable OTP ROM Voice Synthesis IC, External ROM Drive Voice Synthesis IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6653 Datasheet(HTML) 43 Page - OKI electronic componets

Back Button MSM6653 Datasheet HTML 37Page - OKI electronic componets MSM6653 Datasheet HTML 38Page - OKI electronic componets MSM6653 Datasheet HTML 39Page - OKI electronic componets MSM6653 Datasheet HTML 40Page - OKI electronic componets MSM6653 Datasheet HTML 41Page - OKI electronic componets MSM6653 Datasheet HTML 42Page - OKI electronic componets MSM6653 Datasheet HTML 43Page - OKI electronic componets MSM6653 Datasheet HTML 44Page - OKI electronic componets MSM6653 Datasheet HTML 45Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
43/45
¡ Semiconductor
MSM6650 Family
FEDL6650-03
(Unit : mm)
Notes for Mounting the Surface Mount Type Package
The SOP, QFP, TSOP, TQFP, LQFP, SOJ, QFJ (PLCC), SHP, and BGA are surface mount type
packages, which are very susceptible to heat in reflow mounting and humidity absorbed in
storage. Therefore, before you perform reflow mounting, contact Oki’s responsible sales person
on the product name, package name, pin number, package code and desired mounting conditions
(reflow method, temperature and times).
QFP64-P-1420-1.00-BK
Package material
Lead frame material
Pin treatment
Package weight (g)
Oki Electric Industry Co., Ltd.
Rev. No./Last Revised
Epoxy resin
42 alloy
Solder plating (≥5 mm)
1.25 TYP.
4/Nov. 28, 1996
Mirror finish



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com