Electronic Components Datasheet Search
  English  ▼

X  

MSM6653 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM6653
Description  Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable OTP ROM Voice Synthesis IC, External ROM Drive Voice Synthesis IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6653 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM6653 Datasheet HTML 1Page - OKI electronic componets MSM6653 Datasheet HTML 2Page - OKI electronic componets MSM6653 Datasheet HTML 3Page - OKI electronic componets MSM6653 Datasheet HTML 4Page - OKI electronic componets MSM6653 Datasheet HTML 5Page - OKI electronic componets MSM6653 Datasheet HTML 6Page - OKI electronic componets MSM6653 Datasheet HTML 7Page - OKI electronic componets MSM6653 Datasheet HTML 8Page - OKI electronic componets MSM6653 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
1/45
¡ Semiconductor
MSM6652/53/54/55/56-xxx, MSM6652A/53A/
54A/55A/56A/58A-xxx, MSM66P54-xx,
MSM66P56-xx, MSM6650
Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable (OTP) ROM
Voice Synthesis IC, External ROM Drive Voice Synthesis IC
This document contains minimum specifications. For full specifications, please contact your
nearest Oki office or representative.
FEDL6650-03
GENERAL DESCRIPTION
The MSM6650 family is the successor to OKI's MSM6375 family. To ensure high-quality voice
synthesis,theMSM6650familymembersofferadaptivedifferentialpulse-codemodulation(ADPCM)
playback, pulse-code modulation (PCM) playback, 12-bit D/A conversion, and on-chip –40 dB/
octave low-pass filter (LPF).
The conventional "beep" tones and 2-channel playback are now easier to use. OKI has added
additional functions such as melody play, fade-out, and random playback. OKI has improved
external control by adding an Edit ROM. The Edit ROM can be used to form sentences by linking
phrases.
The MSM6650 family members can support a variety of applications as it can function in either
StandaloneModeorMicrocontrollerInterfaceMode.InMicrocontrollerInterfaceMode,serialinput
control is available. Serial input control minimizes the number of microcontroller port pins required
for voice synthesis control. The MSM6650 family includes an internal mask ROM version, internal
one-time-programmable (OTP) ROM version, and external ROM version. The features of the
MSM6650 family devices are as follows.
• MSM6652/53/54/55/56-xxx
These devices are single-chip voice synthesizers with an on-chip mask ROM using the CMOS
technology.
Standalone Mode or Microcontroller Interface Mode can be selected by mask option.
• MSM6652A/53A/54A/55A/56A/58A-xxx
The trial production period for these devices is shorter than those described above. These devices
are suitable for developing prototype models and concept demonstration of new products.
• MSM66P54-xx, MSM66P56-xx
The device is a single-chip CMOS voice synthesizer with one-time-programmable (OTP) ROM.
Standalone and Microcontroller Interface Modes are selected by using a code (01-04).
The user can easily write voice data using the development tool AR761 or AR762, or P54 adapter.
Unlike the mask ROM version, the OTP version is suited to applications which requires a small lot
production of different type devices or short delivery time.
• MSM6650
The MSM6650 device can directly connect external ROM or EPROM of up to 64 Mbits, which
stores voice data.
This device is ideally suited to an evaluation IC for the MSM6650 family because its circuit
configuration is identical to those of the mask ROM-based and OTP version devices.
This version: Jul. 2000
Previous version: Sep. 1999


Similar Part No. - MSM6653

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6653 OKI-MSM6653 Datasheet
259Kb / 50P
SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
MSM6653 OKI-MSM6653 Datasheet
331Kb / 46P
SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
More results

Similar Description - MSM6653

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
VOICE ROM
MSS0605 MOSEL-MSS0605 Datasheet
152Kb / 7P
VOICE ROM
MSS1506 MOSEL-MSS1506 Datasheet
142Kb / 8P
VOICE ROM
logo
OKI electronic componet...
MSM5218 OKI-MSM5218 Datasheet
246Kb / 6P
ADPCM Voice Analysis/Synthesis IC
MSM6378A OKI-MSM6378A Datasheet
329Kb / 12P
OTP ROM Built-in Voice Synthesis IC
MSM9802 OKI-MSM9802 Datasheet
349Kb / 52P
Voice Synthesis IC with Built-in Mask ROM
MSM9831 OKI-MSM9831 Datasheet
152Kb / 23P
VOICE SYNTHESIS LSI with on-chip 384Kbit MASK ROM
MSM9836 OKI-MSM9836 Datasheet
167Kb / 24P
Voice Synthesis IC with Built-in Mask ROM
MSM98P05 OKI-MSM98P05 Datasheet
151Kb / 14P
Voice Synthesis IC with Built-in 2-Mbit OTP ROM
MSM6585 OKI-MSM6585 Datasheet
275Kb / 16P
ADPCM Voice Synthesis IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com