Electronic Components Datasheet Search
  English  ▼

X  

STC15W201S Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # STC15W201S
Description  Introduction of STC15W201S series MCU (In abundant supply)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC15W201S Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  STC15W201S Datasheet HTML 1Page - List of Unclassifed Manufacturers STC15W201S Datasheet HTML 2Page - List of Unclassifed Manufacturers STC15W201S Datasheet HTML 3Page - List of Unclassifed Manufacturers STC15W201S Datasheet HTML 4Page - List of Unclassifed Manufacturers STC15W201S Datasheet HTML 5Page - List of Unclassifed Manufacturers STC15W201S Datasheet HTML 6Page - List of Unclassifed Manufacturers STC15W201S Datasheet HTML 7Page - List of Unclassifed Manufacturers STC15W201S Datasheet HTML 8Page - List of Unclassifed Manufacturers STC15W201S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2. Block diagram of STC15W201S series
The internal structure of STC15W201S series MCU is shown in the block diagram below. STC15W201S series
MCU includes central processor unit(CPU), program memory (Flash), data memory(SRAM), Timers/Counters,
power-down wake-up Timer, I/O ports, high-speed asynchronous serial communication port---UART, Comparator,
Watchdog, internal high- precise R/C clock, internal hghly reliable Reset and so on.
STC15W201S series Block Diagram
RAM
256 Bytes
Program Memory
(Flash) 1 ~ 7.5K
Program Counter
(PC)
B Register
ACC
TMP2
TMP1
Stack
Pointer
ALU
PSW
WDT
Control
Unit
ISP/IAP
Address
Generator
Timer/Counter 0
Enhanced
UART1
Port 1,3,5
Latch
Port 1,3,5
Driver
P1,P3,P5
Timer/Counter 2
Power-Down Wake-up
Special Timer
internal hghly reliable Reset
(16 levels optional threshold
voltage of reset)
strong pull-up, input-only/high-impedance and open drain.
the driving ability of each I/O port can be up to 20mA, but the current of the whole chip don’t exceed this
maximum 90mA.
If I/O ports are not enough, it can be extended by connecting a 74HC595(reference price: RMB 0.15 yuan).
Besides, cascading several chips also can extend to dozens of I/O ports.
Package: SOP-8, DIP-8, SOP-16(6mm x 9mm), DIP-16.
All products are baked 8 hours in high-temperature 175
after be packaged, Manufacture guarantee good
quality.
In Keil C development environment, select the Intel 8052 to compiling and only contain < reg51.h > as header
file.
•
•
•
Comparator
internal high-precise R/C clock(±0.3%)
1% temperature drift(-40
~+85
) while
0.6% in normal temperature (-20
~+65
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com