Electronic Components Datasheet Search
  English  ▼

X  

STC15W201S Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # STC15W201S
Description  Introduction of STC15W201S series MCU (In abundant supply)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC15W201S Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  STC15W201S Datasheet HTML 1Page - List of Unclassifed Manufacturers STC15W201S Datasheet HTML 2Page - List of Unclassifed Manufacturers STC15W201S Datasheet HTML 3Page - List of Unclassifed Manufacturers STC15W201S Datasheet HTML 4Page - List of Unclassifed Manufacturers STC15W201S Datasheet HTML 5Page - List of Unclassifed Manufacturers STC15W201S Datasheet HTML 6Page - List of Unclassifed Manufacturers STC15W201S Datasheet HTML 7Page - List of Unclassifed Manufacturers STC15W201S Datasheet HTML 8Page - List of Unclassifed Manufacturers STC15W201S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3. Pin Configurations of STC15W201S series MCU
All packages meet EU RoHS standards
T0CLKO refers to the programmable clock output of Timer/Counter 0
(output by dividing the frequency of the internal system clock or the input clock of external pin T0/P3.4);
T2CLKO refers to the programmable clock output of Timer/Counter 2
(output by dividing the frequency of the internal system clock or the input clock of external pin T2/P3.1);
In addition to programmable output on the internal system clock, T0CLKO/T2CLKO also can be used as
divider by dividing the frequency of the internal system clock or the input clock of external pin T0/T2.
MCLKO is the output of master clock whose frequency can be divided into MCLK/1, MCLK/2, MCLK/4
/1, MCLK/2, MCLK/4
, MCLK/2, MCLK/4
The master clock can either be internal R/C clock or the external input clock or the external crystal oscillator.
MCLK is the frequency of master clock.
Recommend UART1 on [P3.6/RxD_2, P3.7/TxD_2]
UART1/S1 can be switched in 2 groups of pins by selecting the control bits S1_S0.
S1 can be switched in 2 groups of pins by selecting the control bits S1_S0.
2 groups of pins by selecting the control bits S1_S0.
S1_S0
UART1/S1 can be switched between P1 and P3
0
UART1/S1 on [P3.0/RxD,P3.1/TxD]
1
UART1/S1 on [P3.6/RxD_2,P3.7/TxD_2]
Recommed UART1 on [P3.6/RxD_2, P3.7/TxD_2].
Mnemonic Add
Name
7
6
5
4
3
2
1
0
Reset
Value
AUXR1
P_SW1
A2H
Auxiliary
register 1
S1_S1
S1_S0
CCP_S1 CCP_S0 SPI_S1 SPI_S0
0
DPS
01xx,xx0x
CLK_DIV
(PCON2)
97H
Clock Division
register
MCKO_S1 MCKO_S0
ADRJ
Tx_Rx Tx2_Rx2 CLKS2 CLKS1 CLKS0 00x0,x000
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
CMPO/T0/P1.2
Vcc
CMP+/P5.5
Gnd
CMP-/MCLKO/RST/P5.4
P1.5
T0CLKO/P1.4
P1.3
P3.3/INT1
P3.2/INT0
P3.1/TxD/T2
P3.6/INT2/RxD_2
P3.7/INT3/TxD_2
P1.0/RSTOUT_LOW
P1.1
P3.0/RxD/INT4/T2CLKO
SOP16/DIP16
P3.3/INT1
P3.2/INT0
P3.1/TxD/T2
P3.0/RxD/INT4/T2CLKO
Vcc
Gnd
8
7
6
5
CMP-/MCLKO/RST/P5.4
CMP+/P5.5
1
2
3
4
SOP8
The speed of external programmable
clock output of 5V MCU is also not
more than 13.5MHz, because the
output speed of I/O port of STC15
series 5V MCU is not more than
13.5MHz.
The speed of external programmable
clock output of 3.3V MCU is also not
more than 8MHz, because the output
speed of I/O port of STC15 series
3.3V MCU is not more than 8MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com