Electronic Components Datasheet Search
  English  ▼

X  

OZ8024 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # OZ8024
Description  Intelligent Lighting Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OZ8024 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button OZ8024 Datasheet HTML 13Page - List of Unclassifed Manufacturers OZ8024 Datasheet HTML 14Page - List of Unclassifed Manufacturers OZ8024 Datasheet HTML 15Page - List of Unclassifed Manufacturers OZ8024 Datasheet HTML 16Page - List of Unclassifed Manufacturers OZ8024 Datasheet HTML 17Page - List of Unclassifed Manufacturers OZ8024 Datasheet HTML 18Page - List of Unclassifed Manufacturers OZ8024 Datasheet HTML 19Page - List of Unclassifed Manufacturers OZ8024 Datasheet HTML 20Page - List of Unclassifed Manufacturers OZ8024 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
17
OZ9997
FEATURES
• High power DC/DC boost converter controller
• Drives up to 8 LED strings in parallel
• External PWM dimming control
• Integrated LED current balance control circuit
• User-defined string selection
• Multi-chip parallel operation for more than 8 LED strings
• MOSFET over-current protection
• LED short circuit and open string protection
• Thermal protection
• LED fault status output
GENERAL DESCRIPTION
The OZ9997 is a high efficiency, DC/DC controller that drives up to eight (8)
strings of LEDs in parallel configuration, with multiple LEDs in each string con-
nected in series.
The IC provides eight (8) LED current sense inputs in an “OR” configuration to
improve backlight reliability. This allows the backlight to remain functional in the
event that any string (s) is damaged during normal operation.
OZ9997 supports external Pulse Width Modulation (PWM) dimming control, and
provides an integrated circuit to balance the current flow through each
LED string.
APPLICATIONS
APPLICATION DIAGRAM
• LCD Monitor
U.S. Patent #’s 7,498,793; 7,847,783; and more patents pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com