Electronic Components Datasheet Search
  English  ▼

X  

OZ8024 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # OZ8024
Description  Intelligent Lighting Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OZ8024 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button OZ8024 Datasheet HTML 17Page - List of Unclassifed Manufacturers OZ8024 Datasheet HTML 18Page - List of Unclassifed Manufacturers OZ8024 Datasheet HTML 19Page - List of Unclassifed Manufacturers OZ8024 Datasheet HTML 20Page - List of Unclassifed Manufacturers OZ8024 Datasheet HTML 21Page - List of Unclassifed Manufacturers OZ8024 Datasheet HTML 22Page - List of Unclassifed Manufacturers OZ8024 Datasheet HTML 23Page - List of Unclassifed Manufacturers OZ8024 Datasheet HTML 24Page - List of Unclassifed Manufacturers OZ8024 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
21
GB98A
FEATURES
• Boost converter controller for up to four strings of high power LEDs
• Integrated transistors for LED current balance control circuit
• Supports both analog and direct PWM dimming control
• Time-shift PWM phase dimming control for low audible noise
• Built-in converter for PWM signal to analog dimming control conversion
• Wide range dimming control
• Supports single power train, multiple-IC parallel operation
• Power MOSFET over-current protection
• LED short circuit and open string protection
• LED return to ground short circuit protection
• Thermal protection
GENERAL DESCRIPTION
GB98A is a high efficiency, high power LED driver controller that provides high
voltage MOSFET driver for the boost converter. It can drive up to four strings
of LEDs at 250mA current rating. It also supports up to 400mA pulsing current
for applications.
GB98A receives external Pulse Width Modulation (PWM) signal input for dim-
ming control.
APPLICATIONS
APPLICATION DIAGRAM
• LCD Monitor
• LCD TV
U.S. Patent #’s 7,498,793; 7,847,783; and more patents pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com