Electronic Components Datasheet Search
  English  ▼

X  

LD8116C Datasheet(PDF) 5 Page - Leadtrend Technology

Part # LD8116C
Description  Flexible Dimming Solution by PWM / 0-10V / Potentiometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8116C Datasheet(HTML) 5 Page - Leadtrend Technology

  LD8116C Datasheet HTML 1Page - Leadtrend Technology LD8116C Datasheet HTML 2Page - Leadtrend Technology LD8116C Datasheet HTML 3Page - Leadtrend Technology LD8116C Datasheet HTML 4Page - Leadtrend Technology LD8116C Datasheet HTML 5Page - Leadtrend Technology LD8116C Datasheet HTML 6Page - Leadtrend Technology LD8116C Datasheet HTML 7Page - Leadtrend Technology LD8116C Datasheet HTML 8Page - Leadtrend Technology LD8116C Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LD8116C
05/05/2018
5
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8116C-DS-00 May 2018
Electrical Characteristics
(VCC=32.0V, TA = 25C unless otherwise specified.)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Supply Voltage (VCC Pin)
UVLO (ON)
VCC_ON
6.0
7.0
8.0
V
UVLO (OFF)
VCC_OFF
5.2
6.0
6.8
V
Operating Current
RISET=100kohm, DIM pin and
CLAMP pin is floating.
IVCC
600
850
μA
ISET Pin
Open Voltage
ISET pin is floating
VISET_OPEN
2.45
2.5
2.55
V
Current Ratio of IDIM to ISET
( Calculate IDIM/ISET )
*
KDIM
4
Current Ratio of ICLAMP to ISET
( Calculate ICLAMP / ISET)
*
KCLAMP
0.4
DIM Pin (Dimming function)
Open Voltage
RISET=100kohm, DIM pin is
floating.
VDIM_OPEN
12.2
13
13.8
V
Maximum on level
Output duty =100%
VDIM_MAX_ON
10.45
10.65
10.85
V
OUT pin Duty Mapping
When VDIM=1.65V
DVDIM_1.65V
10.0
%
When VDIM=5.65V
DVIM_5.65V
49.0
%
When VDIM=9.65V
DVIM_9.65V
90.0
%
Bias Current
RISET=100kΩ;
IDIM_100
97
100
103
μA
High Level of PWM input
signal
*
VDIM_PWM_H
3.2
13
V
Low Level of PWM input
signal
*
VDIM_PWM_L
1.2
V
PWM Dimming Mode Setting
*;
Trigger
rising
rate
and
continuous 8 times
Slew
3
V/μ
S
Cut off Level
Output duty = 0%
VDIM_off
1.23
1.3
1.37
V
Cut off Recovery Hysteresis
Voltage
*; Output duty = 0%
VDIM_off,Hys
0.1
V
CLAMP Pin ( Clamping min. dimming )
Open Voltage
RISET=100kohm, Clamp pin is
floating.
VCLAMP_OPEN
4.7
5.0
5.3
V
Minimum Duty Cycle Clamp
Note: When RISET=100K Ohm
*;VCLAMP ≧ 4.2V &VDIM=1.2V
DOUT_0%
0
%
VCLAMP ≦ 0.5V & VDIM=1.4V
DOUT_8%
8
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com