Electronic Components Datasheet Search
  English  ▼

X  

LD8116C Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD8116C
Description  Flexible Dimming Solution by PWM / 0-10V / Potentiometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8116C Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD8116C Datasheet HTML 5Page - Leadtrend Technology LD8116C Datasheet HTML 6Page - Leadtrend Technology LD8116C Datasheet HTML 7Page - Leadtrend Technology LD8116C Datasheet HTML 8Page - Leadtrend Technology LD8116C Datasheet HTML 9Page - Leadtrend Technology LD8116C Datasheet HTML 10Page - Leadtrend Technology LD8116C Datasheet HTML 11Page - Leadtrend Technology LD8116C Datasheet HTML 12Page - Leadtrend Technology LD8116C Datasheet HTML 13Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LD8116C
05/05/2018
10
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8116C-DS-00 May 2018
Application Information
Operation Overview
The LD8116C is an excellent 3 in 1 dimming controller
for
LED
lighting
applications.
It
integrates
more
functions to reduce the external components counts and
the size. Its major features are described as below.
The LD8116C convert input DC potential or PWM signal
into PWM output. The output of LD8116C is an
open-drain configuration which can pull down any
source directly to control power supply dimming. The
DIM pin of LD8116C provides an adjustable bias current
for potentiometer. So LD8116C can satisfy with active
and passive dimmers both. It also can be used in
isolation application with opto-coupler.
Startup
and
Under
Voltage
Lockout
(UVLO)
An UVLO comparator is embedded to detect the voltage
on the VCC pin to ensure the supply voltage enough to
power on the LD8116C. The turn on and turn off
threshold voltage is fixed at 7V and 6V. When the
voltage of VCC pin is above 6V, the LD8116C output
PWM which is basing on input DC potential, PWM single
or potentiometer.
Bias Current of DIM Pin
ISET pin of LD8116C is used to set bias current source
of DIM pin by a resistor (= RISET) on ISET pin which is
connected to GND. For the typical application, the
output bias current of DIM pin is 100μA when RISET is
100k ohm. The relationship between resistor and output
bias current is:
IDIM=
2.5V
RISET
× KDIM
Where, KDIM is a coefficient of current ratio of IDIM per
ISET. The resistance range of RISET is recommend from
33k to 330k ohm and the range of bias current is
approach to
30μA ~ 300μA.
Minimum Output Duty Cycle
When the input of DIM pin is DC potential, CLAMP pin of
LD8116C can be setting minimum output duty cycle by a
resistor (= RCLAMP) on CLAMP pin which is connected to
GND. There are four modes for user to select. Please
refer to the below table1.
The relationship between
resistor and voltage of clamp pin is:
VCLAMP=ICLAMP× RCLAMP=
2.5V
RISET
× KCLAMP× RCLAMP
Where, KCLAMP is a coefficient of current ratio of ICLAMP
per IISET.
VCLAMP (V)
Suggestion RCLAMP (Ω)
When RISET=100KΩ
Minimum output
Duty Clamping
< 0.5
0 (Short)
8%
> 4.2
> 510k (Open)
No clamping
Table1: Minimum output duty cycles clamping Selection
Dimming Performance
0~10V Potential Dimming
When the input signal of DIM pin is DC potential,
LD8116C will transfer to PWM signal output at OUT pin.
The frequency of output PWM on OUT pin is 1.5kHz
around. Typical dimming curve is from 1.6V to 10.6V
transfer to 10~100% output duty.
PWM Dimming ( Leadtrend ‘s patent pending)
During PWM signal input on the DIM pin, the output of
LD8116C OUT pin is PWM, too. And the output
frequency and duty of OUT pin is following the input
PWM frequency and duty directly. The input amplitude
of PWM signal has to high level higher or equal to 3.2V
and low level less than 1.2V on DIM pin. And
recommend PWM frequency range is from 500Hz to
5kHz. ICs detect the PWM rising slew rate of DIM pin is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com