Electronic Components Datasheet Search
  English  ▼

X  

K-HC1 Datasheet(PDF) 4 Page - RFbeam Microwave GmbH

Part # K-HC1
Description  RADAR TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-HC1 Datasheet(HTML) 4 Page - RFbeam Microwave GmbH

  K-HC1 Datasheet HTML 1Page - RFbeam Microwave GmbH K-HC1 Datasheet HTML 2Page - RFbeam Microwave GmbH K-HC1 Datasheet HTML 3Page - RFbeam Microwave GmbH K-HC1 Datasheet HTML 4Page - RFbeam Microwave GmbH K-HC1 Datasheet HTML 5Page - RFbeam Microwave GmbH K-HC1 Datasheet HTML 6Page - RFbeam Microwave GmbH K-HC1 Datasheet HTML 7Page - RFbeam Microwave GmbH K-HC1 Datasheet HTML 8Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
K-HC1 RADAR TRANSCEIVER
Datasheet
Programming
Programming is necessary only for special applications of K-HC1. For normal operation as Doppler
Sensor is no need to program anything.
Some important parameters of the K-HC1 transceiver are configurable by an USB interface. It is also
possible read back the received RF power.
New settings can permanently be stored in the EEPROM of K-HC1.
Communication takes place via a serial protocol, that can be handled by any terminal software.
Fig. 2: K-HC1 Terminal Dialog
Examples:
To enter Frequency
f24.012 <Enter>
To store new parameters permanently: e <Enter>
Special Functions
Please refer to the application notes at the end of this document for more details.
Carrier OFF
Transmitter can be completely switched off, while the internal receiver oscillator is still active. This is
interesting, if using K-HC1 as pure superhet receiver.
PLL Reference external
Instead of using the internal 10MHz oscillator, an external oscillator may applied to connector “PLL”.
This allows generating FM for FMCW operation of the K-HC1.
Modulation external
Carrier my be modulated by an external signal applied to connector “Mod”. This allows e.g. generating
small frequency steps for FSK operation.
Ext Reference
Optionally, a 100MHz instead of a 10MHz reference may be used. This is interesting when using K-
HC1 as high performance receiver or as downconverter for a spectrum analyzer.
© RFbeam Microwave GmbH, Schuppisstrasse 7, CH-9016 St. Gallen
Page 4/8
RFbeam K-HC1 Radarmodule #09250106
==================================
Program Version V1.00 Apr 22 2010
[f] RF Frequency
:
24.125
[23.500 .. 24.500 GHz]
[c] Carrier
:
1
[0=OFF 1=ON]
[p] PLL Reference
:
0
[0 = INTERN, 1=EXTERN]
[m] Modulation
:
0
[0 = INTERN, 1=EXTERN]
[r] ext. Reference
:
10
[10 MHz ...100 MHz]
[o] int. Oscillator
:
1
[0=OFF 1=ON]
[i] Read IF Power
:
-56.1
[dBm]
[e] Store to EEPROM
[b] Enter Bootloader
->_



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com