Electronic Components Datasheet Search
  English  ▼

X  

K-HC1 Datasheet(PDF) 3 Page - RFbeam Microwave GmbH

Part # K-HC1
Description  RADAR TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-HC1 Datasheet(HTML) 3 Page - RFbeam Microwave GmbH

  K-HC1 Datasheet HTML 1Page - RFbeam Microwave GmbH K-HC1 Datasheet HTML 2Page - RFbeam Microwave GmbH K-HC1 Datasheet HTML 3Page - RFbeam Microwave GmbH K-HC1 Datasheet HTML 4Page - RFbeam Microwave GmbH K-HC1 Datasheet HTML 5Page - RFbeam Microwave GmbH K-HC1 Datasheet HTML 6Page - RFbeam Microwave GmbH K-HC1 Datasheet HTML 7Page - RFbeam Microwave GmbH K-HC1 Datasheet HTML 8Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
K-HC1 RADAR TRANSCEIVER
Datasheet
IF Output
Frequency Range
fIF
0.01
100
MHz
Output Impedance
RIF
50
Noise Floor
Bandwidth filtered to 100MHz
NIF
-130
dBm/Hz
Doppler Output
Frequency Range
fDoppler
3
15k
Hz
IF Buffer Gain
GDoppler
46
dB
Noise Floor
B=10kHz, RX-Antenna covered
NDoppler
-96
dBV/Hz
1.6
mVRMS
DC Offset
RX-Antenna covered
UDoppler
2.0
2.5
3.0
V
I/Q Amplitude balance
fDoppler=1kHz
DUDoppler
3
dB
I/Q phase shift
jDoppler
80
90
100
°
AM Output
Frequency Range
fAMout
0
3k
Hz
AM Buffer Gain
GAM
20
dB
Noise Floor
B=10kHz, RX-Antenna covered
NAM
-109
dBV/Hz
DC Offset
VosAM
350
mV
DC Offset Drift
D Vos
2
mV/°C
Host Interface
USB
VCP (virtual COM Port)
Body
Outline Dimensions
110*77*19
mm
Weight
182
g
Antenna System Diagram
Azimuth 12° , Elevation 25°
At IF output voltage -6dB
(corresponds to -3dB Tx power)
© RFbeam Microwave GmbH, Schuppisstrasse 7, CH-9016 St. Gallen
Page 3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com