Electronic Components Datasheet Search
  English  ▼

X  

RK3288 Datasheet(PDF) 39 Page - Rockchip Electronics Co., Ltd

Part # RK3288
Description  RK3288 are low power, high performance processor for mobile phones
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK3288 Datasheet(HTML) 39 Page - Rockchip Electronics Co., Ltd

Back Button RK3288 Datasheet HTML 35Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 36Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 37Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 38Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 39Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 40Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 41Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 42Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 43Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
RK3288 Datasheet
Rev 2.2
Copyright 2017 @Fuzhou Rockchip Electronics Co., Ltd.
39
AG1
FLASH0_D6/EMMC_D6/GPIO3_A6
AH1
FLASH0_WP/EMMC_PWREN/GPIO3_B
1
AG2
FLASH0_D7/EMMC_D7/GPIO3_A7
AH2
FLASH0_RDY/GPIO3_B0
AG3
FLASH0_D5/EMMC_D5/GPIO3_A5
AH3
FLASH0_CLE/GPIO3_B4
AG4
FLASH0_WRN/GPIO3_B5
AH4
UART1_CTSN/TS0_D2/GPIO5_B2
AG5
SPI0_CSN1/TS0_SYNC/GPIO5_C0
AH5
SDMMC0_DECTN/GPIO6_C6
AG6
SDMMC0_CLKOUT/JTAG_TDO/GPIO6_
C4
AH6
SDMMC0_D1/JTAG_TRSTN/GPIO6_C1
AG7
SDMMC0_D0/JTAG_TMS/GPIO6_C0
AH7
SDIO0_D3/GPIO4_C7
AG8
SDIO0_CLKOUT/GPIO4_D1
AH8
SDIO0_CMD/GPIO4_D0
AG9
SDIO0_D2/GPIO4_C6
AH9
SDIO0_D0/GPIO4_C4
AG10
UART0_TX/GPIO4_C1
AH10
SDIO0_D1/GPIO4_C5
AG11
I2S_LRCK_RX/GPIO6_A1
AH11
UART0_RX/GPIO4_C0
AG12
I2S_SDO0/GPIO6_A4
AH12
I2S_SDO3/GPIO6_A7
AG13
I2S_SDO2/GPIO6_A6
AH13
I2S_SDO1/GPIO6_A5
AG14
EDP_TX0P
AH14
EDP_TX0N
AG15
EDP_TX1P
AH15
EDP_TX1N
AG16
EDP_TX2P
AH16
EDP_TX2N
AG17
EDP_TX3P
AH17
EDP_TX3N
AG18
EDP_AUXP
AH18
EDP_AUXN
AG19
HDMI_TCP
AH19
HDMI_TCN
AG20
HDMI_TX0P
AH20
HDMI_TX0N
AG21
HDMI_TX1P
AH21
HDMI_TX1N
AG22
HDMI_TX2P
AH22
HDMI_TX2N
AG23
MIPI_RX_D0P
AH23
MIPI_RX_D0N
AG24
MIPI_RX_D1P
AH24
MIPI_RX_D1N
AG25
MIPI_RX_CLKP
AH25
MIPI_RX_CLKN
AG26
MIPI_RX_D2P
AH26
MIPI_RX_D2N
AG27
MIPI_TX_D0P
AH27
MIPI_RX_D3N
AG28
MIPI_TX_D0N
AH28
MIPI_RX_D3P
2.6 Power/ground IO descriptions
Table 2-2 RK3288 Power/Ground IO information
Group
Ball #
Descriptions
VSS
C3,D6,D9,D12,D15,D18,E20,U24,A21,Y24,AC24,F4,J4
,J9,U9,J17,W10,K10,K11,K12,K13,K14,K15,K16,K17,
K18,K19,J18,L10,L11,L13,L14,L15,M4,M10,M11,M13,
M14,Y18,N10,N11,N13,N14,N15,P10,P11,P13,P14,P1
5,P16,P17,P18,R4,R10,R13,R16,R17,R18,R19,T10,R1
4,T13,Y20,T15,T16,T17,T18,T19,V9,U10,R15,U13,V4,
V10,V11,V12,V13,W11,W12,W13,W14,W15,W16,W17
,W18,W19,P26
Internal Logic Ground
and Digital IO Ground
CPU_VDD
U14,U15,U16,U17,U18,U19,V14,V15,V16,V17,V18,V1
9,T14
Internal CPU core Power
LOGIC_VDD
L12,M12,N12,P12,R12,T12,U12,R11,T11,U11
Internal Logic core Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com