Electronic Components Datasheet Search
  English  ▼

X  

RK3288 Datasheet(PDF) 64 Page - Rockchip Electronics Co., Ltd

Part # RK3288
Description  RK3288 are low power, high performance processor for mobile phones
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK3288 Datasheet(HTML) 64 Page - Rockchip Electronics Co., Ltd

Back Button RK3288 Datasheet HTML 60Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 61Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 62Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 63Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 64Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 65Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 66Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 67Page - Rockchip Electronics Co., Ltd RK3288 Datasheet HTML 68Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
RK3288 Datasheet
Rev 2.2
Copyright 2017 @Fuzhou Rockchip Electronics Co., Ltd.
64
Chapter 3 Electrical Specification
3.1 Absolute Maximum Ratings
Table 3-1 RK3288 absolute maximum ratings
Parameters
Related Power Group
Max
Unit
DC supply voltage for Internal digital logic
CPU_VDD,
LOGIC_VDD,
GPU_VDD,
PMU_VDD_1V0,
USB_AVDD_1V0
1.4
V
DC supply voltage for Digital GPIO
(except for SAR-ADC, PLL, USB, DDR, MIPI PHY,LVDS, eDP, HDMI IO)
PMUIO_VDD
APIO1_VDD
APIO2_VDD
APIO3_VDD
APIO4_VDD
APIO5_VDD
LCDC_VDD
SDMMC0_VDD
FLASH0_VDD
FLASH1_VDD
DVPIO_VDD
3.6
V
DC supply voltage for DDR IO
DDR0_VDD
DDR1_VDD
DDR0_VDDAO
DDR1_VDDAO
1.65
V
DC supply voltage for Analog part of PLL
PLL_AVDD_1V0
1.1
V
DC supply voltage for Analog part of USB OTG/Host2.0
USB_AVDD_1V8
USB_AVDD_3V3
1.98
3.63
V
DC supply voltage for Analog part of USIC
USIC_AVDD_1V2
1.32
V
Analog Input voltage for SAR-ADC/TS-ADC
ADC_AVDD_1V8
1.98
V
DC supply voltage for Analog part of LVDS
LVDS_AVDD_1V0
LVDS_AVDD_1V8
LVDS_AVDD_3V3
1.1
1.98
3.6
V
DC supply voltage for Analog part of eDP
EDP_AVDD_1V0
EDP_AVDD_1V8
1.1
1.98
V
DC supply voltage for Analog part of HDMI
HDMI_AVDD_1V0
HDMI_AVDD_1V8
1.1
1.98
V
DC supply voltage for Analog part of MIPI PHY
MIPI_TX/RX_AVDD_1V8
MIPI_TX_AVDD_1V8
MIPI_RX_AVDD_1V8
1.98
V
Analog Input voltage for DP/DM/VBUS of USB OTG/Host2.0
5.0
V
Digital input voltage for input buffer of GPIO
3.6
V
Digital output voltage for output buffer of GPIO
3.6
V
Storage Temperature
Tstg
125
℃
Max Conjunction Temperature
Tj
125
℃
Absolute maximum ratings specify the values beyond which the device may be damaged
permanently. Long-term exposure to absolute maximum ratings conditions may affect
device reliability.
3.2 Recommended Operating Conditions
Table 1-6 describes the recommended operating condition for every clockdomain.
Table 3-2 RK3288 recommended operating conditions
Parameters
Symbol
Min
Typ
Max
Units
Internal digital logic
Power
(
except USB OTG)
CPU_VDD,
LOGIC_VDD,
GPU_VDD,
PMU_VDD_1V0
0.9
1.0
TBD
V
Digital GPIO
Power(3.3V/2.5V/1.8V)
PMUIO_VDD
APIO1_VDD
APIO2_VDD
3.0
2.25
1.62
3.3
2.5
1.8
3.6
2.75
1.98
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com