Electronic Components Datasheet Search
  English  ▼

X  

STC89LE52RC Datasheet(PDF) 163 Page - STCmicro Technology Co,.Ltd

Part # STC89LE52RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE52RC Datasheet(HTML) 163 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE52RC Datasheet HTML 157Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 158Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 159Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 160Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 161Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 162Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 163Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 164Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 165Page - STCmicro Technology Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 163 / 165 page
background image
Data memory type values stored in first byte of untyped pointers
Value
Data Memory Type
1
idata
2
xdata
3
pdata
4
data/bdata
5
code
FUNCTIONS
In programming the 8051 in assembly, we learnt the advantages of using subroutines to group together common
and frequently used instructions. The same concept appears in 8051 C, but instead of calling them subroutines, we
call them functions. As in conventional C, a function must be declared and defined. A function definition includes
a list of the number and types of inputs, and the type of the output (return type), puls a description of the internal
contents, or what is to be done within that function.
The format of a typical function definition is as follows:
return_type function_name (arguments) [memory] [reentrant] [interrupt] [using]
{
…
}
where
return_type
refers to the data type of the return (output) value
function_name
is any name that you wish to call the function as
arguments
is the list of the type and number of input (argument) values
memory
refers to an explicit memory model (small, compact or large)
reentrant
refers to whether the function is reentrant (recursive)
interrupt
indicates that the function is acctually an ISR
using
explicitly specifies which register bank to use
Consider a typical example, a function to calculate the sum of two numbers:
int sum (int a, int b)
{
return a + b;
}
This function is called sum and takes in two arguments, both of type int. The return type is also int, meaning that
the output (return value) would be an int. Within the body of the function, delimited by braces, we see that the
return value is basically the sum of the two agruments. In our example above, we omitted explicitly specifying the
options: memory, reentrant, interrupt, and using. This means that the arguments passed to the function would be
using the default small memory model, meaning that they would be stored in internal data memory. This function
is also by default non-recursive and a normal function, not an ISR. Meanwhile, the default register bank is bank 0.
Parameter Passing
In 8051 C, parameters are passed to and from functions and used as function arguments (inputs). Nevertheless, the
technical details of where and how these parameters are stored are transparent to the programmer, who does not
need to worry about these techinalities. In 8051 C, parameters are passed through the register or through memory.
Passing parameters through registers is faster and is the default way in which things are done. The registers used
and their purpose are described in more detail below.
163



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com