Electronic Components Datasheet Search
  English  ▼

X  

STC89LE52RC Datasheet(PDF) 164 Page - STCmicro Technology Co,.Ltd

Part # STC89LE52RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE52RC Datasheet(HTML) 164 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE52RC Datasheet HTML 157Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 158Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 159Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 160Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 161Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 162Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 163Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 164Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 165Page - STCmicro Technology Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 164 / 165 page
background image
Registers used in parameter passing
Number of Argument Char / 1-Byte Pointer INT / 2-Byte Pointer Long/Float
Generic Pointer
1
R7
R6 & R7
R4–R7
R1–R3
2
R5
R4 &R5
R4–R7
3
R3
R2 & R3
Since there are only eight registers in the 8051, there may be situations where we do not have enough regist-
ers for parameter passing. When this happens, the remaining parameters can be passed through fixed memory
loacations. To specify that all parameters will be passed via memory, the NOREGPARMs control directive is
used. To specify the reverse, use the REGPARMs control directive.
Return Values
Unlike parameters, which can be passed by using either registers or memory locations, output values must be
returned from functions via registers. The following table shows the registers used in returning different types of
values from functions.
Registers used in returning values from functions
Return Type
Register
Description
bit
Carry Flag (C)
char/unsigned char/1-byte pointer R7
int/unsigned int/2-byte pointer
R6 & R7
MSB in R6, LSB in R7
long/unsigned long
R4–R7
MSB in R4, LSB in R7
float
R4–R7
32-bit IEEE format
generic pointer
R1–R3
Memory type in R3, MSB in R2, LSB in R1
164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com