Electronic Components Datasheet Search
  English  ▼

X  

STC89LE52RC Datasheet(PDF) 165 Page - STCmicro Technology Co,.Ltd

Part # STC89LE52RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE52RC Datasheet(HTML) 165 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE52RC Datasheet HTML 157Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 158Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 159Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 160Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 161Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 162Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 163Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 164Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 165Page - STCmicro Technology Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 165 / 165 page
background image
Appendix C: STC89xx series Selection Table
Type
12T/6T 8051
MCU
Operating
voltage
(V)
F
l
a
s
h
(B)
S
A
R
M
(B)
T
I
M
E
R
U
A
R
T
D
P
T
R
PCA/
PWM
D/A
A/
D
W
D
T
E
E
P
R
O
M
(B)
Internal
low
voltage
interrupt
Internal
Reset
threshold
voltage
can be
configured
External
interrupts
which
can wake
up power
down
mode
Special
timer
for
waking
power
down
mode
Package
of
40-pin
(35 I/O
ports)
Package
of
44-pin
(39 I/O
ports)
STC89C51RC
5.5~3.3
4K 512 3 1 2
N
N Y 4K
Y
N
4
N
PDIP
LQFP/
PLCC
STC89C52RC
5.5~3.3
8K 512 3 1 2
N
N Y 4K
Y
N
4
N
PDIP
LQFP/
PLCC
STC89C53RC
5.5~3.3
13K 512 3 1 2
N
N Y
/
Y
N
4
N
PDIP
LQFP/
PLCC
STC89LE51RC
3.6~2.0
4K 512 3 1 2
N
N Y 4K
Y
N
4
N
PDIP
LQFP/
PLCC
STC89LE52RC
3.6~2.0
8K 512 3 1 2
N
N Y 4K
Y
N
4
N
PDIP
LQFP/
PLCC
STC89LE53RC
3.6~2.0
13K 512 3 1 2
N
N Y
/
Y
N
4
N
PDIP
LQFP/
PLCC
STC89C54RD+
5.5~3.3
16K 1280 3 1 2
N
N Y 45K
Y
N
4
N
PDIP
LQFP/
PLCC
STC89C58RD+
5.5~3.3
32K 1280 3 1 2
N
N Y 29K
Y
N
4
N
PDIP
LQFP/
PLCC
STC89C516RD+
5.5~3.3
61K 1280 3 1 2
N
N Y
/
Y
N
4
N
PDIP
LQFP/
PLCC
STC89LE54RD+
3.6~2.0
16K 1280 3 1 2
N
N Y 45K
Y
N
4
N
PDIP
LQFP/
PLCC
STC89LE58RD+
3.6~2.0
32K 1280 3 1 2
N
N Y 29K
Y
N
4
N
PDIP
LQFP/
PLCC
STC89LE516RD+ 3.6~2.0
61K 1280 3 1 2
N
N Y
/
Y
N
4
N
PDIP
LQFP/
PLCC
165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com