Electronic Components Datasheet Search
  English  ▼

X  

RT3662AC Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT3662AC
Description  Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3662AC Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT3662AC Datasheet HTML 1Page - Richtek Technology Corporation RT3662AC Datasheet HTML 2Page - Richtek Technology Corporation RT3662AC Datasheet HTML 3Page - Richtek Technology Corporation RT3662AC Datasheet HTML 4Page - Richtek Technology Corporation RT3662AC Datasheet HTML 5Page - Richtek Technology Corporation RT3662AC Datasheet HTML 6Page - Richtek Technology Corporation RT3662AC Datasheet HTML 7Page - Richtek Technology Corporation RT3662AC Datasheet HTML 8Page - Richtek Technology Corporation RT3662AC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
RT3662AC
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS3662AC-00
March
2016
2
Ordering Information
Package Type
QW : WQFN-40L 5x5 (W-Type)
RT3662AC
Lead Plating System
G : Green (Halogen Free and Pb Free)
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
31
32
33
34
35
36
37
38
39
40
41
GND
BOOT_NB
COMP_NB
VIN
SVT
VDDIO
TSEN_NB
ISENN_NB
FB_NB
ISENP_NB
EN
UGATE2
RGND
PGOOD
ISEN1N
ISEN1P
VSEN
ISEN2P
COMP
FB
BOOT2
WQFN-40L 5x5
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
UGATE2
Upper Gate Driver Output of Phase 2 for VDD Controller. Connect this pin to
the gate input of high side MOSFET.
2
BOOT2
Bootstrap Supply of VDD Controller for Phase 2 High Side MOSFET. This
pin powers high side MOSFET driver.
3
PGOOD
Power Good Indicator for the VDD and VDDNB Controller. This pin is an
open drain output.
4
RGND
Return Ground of VDD and VDDNB Controllers. This pin is the common
negative input of output voltage differential remote sense of VDD and
VDDNB controllers.
5
COMP
Error Amplifier Output Pin of the VDD Controller.
6
FB
Output Voltage Feedback Input of VDD Controller. This pin is the negative
input of the error amplifier for the VDD controller.
7
ISEN2P
Positive Current Sense Input of Phase 2 for VDD Controller.
8
VSEN
VDD Controller Voltage Sense Input. This pin is connected to the terminal of
VDD controller output voltage.
9
ISEN1P
Positive Current Sense Input of Phase 1 for VDD Controller.
10
ISEN1N
Common Negative Current Sense Input of Phase1 and Phase 2 for VDD
Controller.
11
VRHOT_L
Thermal Indicator. This pin is an open drain output. (Active low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com