Electronic Components Datasheet Search
  English  ▼

X  

RT3662AC Datasheet(PDF) 23 Page - Richtek Technology Corporation

Part # RT3662AC
Description  Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3662AC Datasheet(HTML) 23 Page - Richtek Technology Corporation

Back Button RT3662AC Datasheet HTML 19Page - Richtek Technology Corporation RT3662AC Datasheet HTML 20Page - Richtek Technology Corporation RT3662AC Datasheet HTML 21Page - Richtek Technology Corporation RT3662AC Datasheet HTML 22Page - Richtek Technology Corporation RT3662AC Datasheet HTML 23Page - Richtek Technology Corporation RT3662AC Datasheet HTML 24Page - Richtek Technology Corporation RT3662AC Datasheet HTML 25Page - Richtek Technology Corporation RT3662AC Datasheet HTML 26Page - Richtek Technology Corporation RT3662AC Datasheet HTML 27Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
RT3662AC
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS3662AC-00
March
2016
www.richtek.com
23
Application Information
Power Ready (POR) Detection
During start-up, the RT3662AC will detect the voltage
at the voltage input pins: VCC, PVCC and EN. When
VCC > 4.3V and PVCC > 3.85V, the IC will recognize
the power state of system to be ready (POR = high)
and wait for enable command at the EN pin. After POR
= high and VEN > 2V, the IC will enter start-up
sequence for both VDD and VDDNB rail. If the voltage
of VCC and EN pin drop below low threshold, the IC will
enter power down sequence and all the functions will
be disabled. Normally, connecting system power to the
EN pin is recommended. The SVID will be ready in 2ms
(max) after the chip has been enabled. All the
protection latches (OVP, OCP, UVP) will be cleared
only after POR = low. The condition of VEN = low will
not clear these latches.
EN
+
-
+
-
Chip EN
POR
4.3V
3.85V
2V
VCC
PVCC
CMP
CMP
CMP
+
-
Figure 1. Power Ready (POR) Detection
Boot VID
When EN goes high, both VDD and VDDNB output
begin to soft-start to the Boot VID in CCM. Table 7
shows the Boot VID setting. The Boot VID is
determined by the SVC and SVD input states at EN
rising edge and it is in the internal register. The digital
soft-start circuit ramps up the reference voltage at a
controlled slew rate to reduce inrush current during
start-up. When all the output voltages are above power
good threshold (300mV below Boot VID) at the end of
soft-start, the controller asserts power good (PGOOD)
after a time delay.
Table 7. 2-Bit Boot VID Code
Initial Startup VID (Boot VID)
SVC
SVD
VDD/VDDNB Output Voltage (V)
0
0
1.1
0
1
1.0
1
0
0.9
1
1
0.8
Start-Up Sequence
After EN goes high, the RT3662AC starts up and
operates according to the initial settings. Figure 2
shows the simplified sequence timing diagram. The
detailed operation is described in the following.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com