Electronic Components Datasheet Search
  English  ▼

X  

ASM1442 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ASM1442
Description  HDMI/DVI Level Shifter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASM1442 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ASM1442 Datasheet HTML 9Page - List of Unclassifed Manufacturers ASM1442 Datasheet HTML 10Page - List of Unclassifed Manufacturers ASM1442 Datasheet HTML 11Page - List of Unclassifed Manufacturers ASM1442 Datasheet HTML 12Page - List of Unclassifed Manufacturers ASM1442 Datasheet HTML 13Page - List of Unclassifed Manufacturers ASM1442 Datasheet HTML 14Page - List of Unclassifed Manufacturers ASM1442 Datasheet HTML 15Page - List of Unclassifed Manufacturers ASM1442 Datasheet HTML 16Page - List of Unclassifed Manufacturers ASM1442 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ASM1442 Data Sheet
7
as
m
ed
ia
Co
nf
ide
nt
ial
Strapping Table
TMDS Input Signal Equalization
EQ_1
EQ_0
Equalization
Note
0
0
12dB
0
1
9dB
1
0
6dB
1
1
3dB
Default
TMDS Output Signal Integrity
CG_2
CG_1
CG_0
Swing
Pre-amp
Slew-rate
Note
0
0
0
450
0
0
0
0
1
420
0
-3dB
Shortest trace
0
1
0
450
0
-3dB
Shortest trace
Default
0
1
1
460
0
-4dB
1
0
0
340
0
0
1
0
1
400
2dB
0
Longest trace
1
1
0
400
2dB
0
Longest trace
1
1
1
420
0
0
Note: For the strapping setting of application, please refer to the application note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com