Electronic Components Datasheet Search
  English  ▼

X  

ASM1442 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ASM1442
Description  HDMI/DVI Level Shifter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASM1442 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ASM1442 Datasheet HTML 3Page - List of Unclassifed Manufacturers ASM1442 Datasheet HTML 4Page - List of Unclassifed Manufacturers ASM1442 Datasheet HTML 5Page - List of Unclassifed Manufacturers ASM1442 Datasheet HTML 6Page - List of Unclassifed Manufacturers ASM1442 Datasheet HTML 7Page - List of Unclassifed Manufacturers ASM1442 Datasheet HTML 8Page - List of Unclassifed Manufacturers ASM1442 Datasheet HTML 9Page - List of Unclassifed Manufacturers ASM1442 Datasheet HTML 10Page - List of Unclassifed Manufacturers ASM1442 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ASM1442 Data Sheet
1
as
m
ed
ia
Co
nf
ide
nt
ial
General Description
ASM1442 is the high speed TMDS level shift ICs for High Definition Multimedia Interface (HDMI) and Digital Video
Interface (DVI) video application. Those convert low-swing AC-coupled differential input from existing PCI Express
in the chipset of PC to HDMI compliant differential output, supporting up to 3.4Gbps bandwidth of pixel data
transition, as indicated in HDMI Rev1.4a. This conversion is automatic and transparent to the user. The devices
operate at a single 3.3V supply.
Application
PC Motherboard
Graphics Card
Notebooks
Docking Station
Features
Coverts low-swing differential input to HDMI open-drain current steering Rx terminated differential
output
HDMI/DVI level shifting operation up to 3.4Gbps per lane
Maximum data transfer rate conform with HDMI Revision 1.4a specification
Supporting color depths greater than 24bits deep color mode
Integrated 50
Ω termination resistors for AC-coupled differential inputs.
Enable/Disable feature to turn on/off TMDS inputs and outputs to enter low-power state.
Output slew rate control on TMDS outputs to minimize EMI.
Transparent operation: no re-timing or software configuration required.
Integrated programmable receiving equalization.
Integrated Hot Plug Detect (HPD) Inverting level shifter for ASM1442T.
Integrated Hot Plug Detect (HPD) level shifter for ASM1442.
Integrated pull-down resistor on HPD input guarantees “input LOW” when no display is plugged in.
Integrated DDC level shifters, controlling by passgate through DDC_EN pin which allows 3.3V
termination on PC chipset and 5V DDC termination on HDMI connector.
DDC_EN function support.
3.3V± 10% single power supply.
ESD protection ability: HBM 4kV
Package Type
7x7 mm2 QFN 48L
Lead free, RoHs compliance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com