Electronic Components Datasheet Search
  English  ▼

X  

LM7809 Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # LM7809
Description  1A Standard Positive Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM7809 Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  LM7809 Datasheet HTML 1Page - TAITRON Components Incorporated LM7809 Datasheet HTML 2Page - TAITRON Components Incorporated LM7809 Datasheet HTML 3Page - TAITRON Components Incorporated LM7809 Datasheet HTML 4Page - TAITRON Components Incorporated LM7809 Datasheet HTML 5Page - TAITRON Components Incorporated LM7809 Datasheet HTML 6Page - TAITRON Components Incorporated LM7809 Datasheet HTML 7Page - TAITRON Components Incorporated LM7809 Datasheet HTML 8Page - TAITRON Components Incorporated LM7809 Datasheet HTML 9Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1A Standard Positive Voltage Regulator
Rev. B/LX
LM7847 ~ LM7824
www.taitroncomponents.com
Page 4 of 16
Absolute Maximum Ratings (Note 1)
Symbol
Description
Ratings
Unit
VO=4.7~18V
35
VIN
Input Voltage
VO=20~24V
40
V
IO
Output Current
1
A
PD
Power Dissipation
Internally Limited
W
TLEAD
Lead Temperature (Soldering 10sec)
260
D
2PAK
0 to 125
TJ
Operating Junction
Temperature
others
-20 to 150
D
2PAK
-40 to 150
TSTG
Storage Temperature
Range
others
-55 to 150
°C
TO-220
TO-220F
65
θJA
Thermal Resistance
(Junction to Ambient)
DPAK (TO-252)
61.54
TO-220
TO-220F
5
θJC
Thermal Resistance
(Junction to Case)
DPAK (TO-252)
7.48
°C/ W
Note1: Absolute maximum ratings indicate limits beyond which damage to the device may occur.
For guarantee specification and test conditions, see the Electrical Characteristics.
the guarantee specification apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com