Electronic Components Datasheet Search
  English  ▼

X  

LM7809 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # LM7809
Description  1A Standard Positive Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

LM7809 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  LM7809 Datasheet HTML 1Page - TAITRON Components Incorporated LM7809 Datasheet HTML 2Page - TAITRON Components Incorporated LM7809 Datasheet HTML 3Page - TAITRON Components Incorporated LM7809 Datasheet HTML 4Page - TAITRON Components Incorporated LM7809 Datasheet HTML 5Page - TAITRON Components Incorporated LM7809 Datasheet HTML 6Page - TAITRON Components Incorporated LM7809 Datasheet HTML 7Page - TAITRON Components Incorporated LM7809 Datasheet HTML 8Page - TAITRON Components Incorporated LM7809 Datasheet HTML 9Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rev. B/LX
LM7847 ~ LM7824
1A Standard Positive
Voltage Regulator
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 16
Tel:
(800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax:
(800)-TAITFAX
(800)-824-8329
(661)-257-6415
1A Standard Positive Voltage Regulator
General Description
• The LM78xx series is three terminal standard positive voltage regulator designed for
a wide range of applications that required supply current up to 1A.
• The LM78xx series is available in 10 fixed output voltage:4.7V,5V,6V,7V,8V,9V,10V,
12V,15V,18V and 24V.
• The LM78xx series provides internal current limiting, thermal shutdown protection and
Safe-area operation compensation which make them virtually immune from output load,
and the output current could up to 1A if adequate heat sinking provide
• The LM78xx is available in TO-220,TO-220F,DPAK (TO-252) ,D2PAK(TO-263)packages.
.
Features
• Output Current up to 1A
• Maximum Input voltage up to 36V
• Output Voltage Accuracy of ±4% at 25°C
• Thermal Overload Protection
• Short Circuit Current Limiting
• Output Transistor safe operation area (SOA) Protection
• RoHS Compliance and Halogen Free
Applications
TO-220
• High Efficiency Linear Regulator
• Post Regulation for Switching Supply
• Microprocessor Power Supply
• Mother Board
TO-220F
DPAK
TO-252
D
2PAK
TO-263-3
D
2PAK
TO-263-2


Similar Part No. - LM7809

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM7809 UTC-LM7809 Datasheet
83Kb / 6P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
LM7809 ETC-LM7809 Datasheet
175Kb / 6P
1.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
LM7809 FAIRCHILD-LM7809 Datasheet
516Kb / 28P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
LM7809 FAIRCHILD-LM7809 Datasheet
335Kb / 23P
3-Terminal 1A Positive Voltage Regulator
logo
First Components Intern...
LM7809 FCI-LM7809 Datasheet
621Kb / 8P
LM7800 Series 3-Terminal fixed Voltage Regulators
More results

Similar Description - LM7809

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
TAITRON Components Inco...
LM78 TAITRON-LM78 Datasheet
379Kb / 12P
1A Positive Voltage Regulator
LM7805AT TAITRON-LM7805AT Datasheet
443Kb / 15P
1A Positive Voltage Regulator
LM7833 TAITRON-LM7833 Datasheet
255Kb / 6P
1A Positive Voltage Regulator
logo
Silicon Standard Corp.
SS8026 SSC-SS8026 Datasheet
296Kb / 12P
1.8V 1A Positive Voltage Regulator
SS8047 SSC-SS8047 Datasheet
308Kb / 11P
2.5V 1A Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
1A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com