Electronic Components Datasheet Search
  English  ▼

X  

D780C Datasheet(PDF) 2 Page - NEC

Part # D780C
Description  HIGH·PERFORMANCE CP/M® ·COMPATIBLE NMOS 8·BIT MICROPROCESSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D780C Datasheet(HTML) 2 Page - NEC

  D780C Datasheet HTML 1Page - NEC D780C Datasheet HTML 2Page - NEC D780C Datasheet HTML 3Page - NEC D780C Datasheet HTML 4Page - NEC D780C Datasheet HTML 5Page - NEC D780C Datasheet HTML 6Page - NEC D780C Datasheet HTML 7Page - NEC D780C Datasheet HTML 8Page - NEC D780C Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
/APD780
Pin Identification
No.
Symbol
Function
1-5.
A o-
A 15
Th
ree-st
a te
address bus
30-
40
(output)
6
+
Clock input
7-10.
Do-D7
Th
ree-st
a te. 110
da ta
bus
12-15
11
+5 V
Powe
r
supply
16
INT
Inte
rrupt
request input
17
NMI
Non-m
ask
a ble inte
rrupt input
18
HA LT
Ha lt st
a te input
19
MREQ
Memo
r y request output
20
10RQ
110 request
output
21
RD
Re
a d output
22
WR
Wr ite output
23
BU
SA K
Bus
acknowledge output
24
WAIT
Wa it st
a te input
25
BU
SRQ
Bus
requestinput
26
RE SE T
Reset
input
27
Ml
Ma ch ine cycle
1
28
RF
SH
Refresh
output
29
GN
D
Ground
Pin Functions
Ao-A15 (Address Bus)
16-bit, three-state output address bus. During refresh
operations, lines Ao-A6 output the external memory
address.
00-07 (Data Bus)
8-bit, three-state I/O data bus.
NMI (Non-Maskable Interrupt)
This active low input line is used for non-maskable
interrupts. A non-maskable interrupt is always
acknowledged at the end of the current instruction,
regardless of whether the interrupt enable flip flop has
been turned on, except when the BUSRQ signal is
asserted. Because of the higher priority of the BUSRQ
signal, it is acknowledged before the NMI signal.
When NMI is acknowledged, program execution
automatically restarts from location 0066H.
4-4
NEe
INT (Interrupt Request)
This active low input line is used for interrupt requests
by external I/O devices. Interrupts are serviced upon
completion of the current instruction if the interrupt
enable flip flop has been turned on by the software.
There are three interrupt response modes: the mode
o response is equivalent to an8080 interrupt response;
mode 1 uses location 0038H as a restart address; and
mode 2 is a simple vectoring to an interrupt service
routine that can be located anywhere in memory.
BUSRQ (Bus Request)
This active low input signal is used to place the data
bus, address bus, and a" three-state bus control
signals (WR, RD, 10RQ, and MREQ) in a high­
impedance state to allow a requesting device to
assume bus control. The BUSRQ signal has a higher
priority than the NMI signal and is always honored at
the end of the current machine cycle.
Excessive DMA operations resulting in long periods
in which BUSRQ is asserted can impair the CPU's
ability to adequately refresh the dynamic RAMs. Also,
BUSRQ does not have an internal pull-up resistor. For
input signals to this pin in a wire-OR'ed configuration,
an external pull-up resistor should be used.
BUSAK (Bus Acknowledge)
This active low output line is used to inform the device
requesting bus control that the data bus, address bus,
and a" three-state bus controls (WR, RD, 10RQ, and
MREQ) are in a high-impedance state and the re­
questing device can now assume control.
WR (Write)
This three-state active low output is used to strobe
data from the data bus to external memory or I/O
devices. WR is asserted to indicate the data bus holds
valid dlita. This line is three-stated during halt or reset
conditions.
10RQ (1/0 Request)
This three-state active low output is used to indicate
the lower half of the address bus holds a valid address
for an I/O read or write. During interrupt acknowledge
cycles, 10RQ and Ml are asserted together to indicate
that a vector address can be sent to the data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com