Electronic Components Datasheet Search
  English  ▼

X  

D780C Datasheet(PDF) 13 Page - NEC

Part # D780C
Description  HIGH·PERFORMANCE CP/M® ·COMPATIBLE NMOS 8·BIT MICROPROCESSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D780C Datasheet(HTML) 13 Page - NEC

Back Button D780C Datasheet HTML 9Page - NEC D780C Datasheet HTML 10Page - NEC D780C Datasheet HTML 11Page - NEC D780C Datasheet HTML 12Page - NEC D780C Datasheet HTML 13Page - NEC D780C Datasheet HTML 14Page - NEC D780C Datasheet HTML 15Page - NEC D780C Datasheet HTML 16Page - NEC D780C Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
.j:>.
,
�
(j1
Instruction Set (cont)
Mnemonic
C
PIR
CP L
DAA
DEC
r
DEC
(HL)
DEC
(IX +
d)
DEC
IIV +
d)
DECIX
DEC
IV
DEC
55
DI
DJNZ,
e
EI
EX
ISP
), HL
EX
(S
P) ,IX
EX (S
P ), IV
EX
AF
, AF '
EX
DE, HL
EXX
HA LT
Operation
A - (HL)
HL
� HL
+ 1
8C � BC- 1
until
A
=
(HL
)
or
8C
=
0
A� A
r �
r- 1
(HL)� (HL)- 1
(IX +
d) � (IX +
d)
-
1
(IV +
d) � (IV +
d)-1
IX
� IX- 1
IV - IV - 1
ss �
ss- 1
IFF- 0
8+-8- 1iI8=0
continue il8
'" 0, PC
+-
PC+
e
IFF+- 1
H
- (S
P + 1) , L
.. (S
P)
IXH ..
(SP + 1)
IXL" (S
P)
IVH - (S
P + 1)
IVL - (S
P)
AF - AF '
DE
- HL
8C
- 8C'
DE
- DE',HL
- Hl'
Processo
r Ha lted
Description
Comp
are loc
a tion
(HL)and
ACC,
increment HL
,
dec
rement
8C
Repe
a t until
8C
=
C
Complement
ACC
(1
's comp,)
Decim
a l
adjust
ACC
Dec
rementReg. r
Decrement loc. (HL
)
Decrement loc. (IX +
d)
Dec
rement loc. (IV +
d)
Dec
rementIX
Dec
rement
IV
Dec
rement
Reg.
pa ir ss
Dis
a ble inter
r upts
Dec
rement
8
and
jump
relative
if 8
=
0
Enableinterrupts
Exch
ange the loc
ation
(S
P)andHL
Exchange thelocation
(S
P)and
IX
Exch
ange the loc
a tion
(S
P)
and
IV
Exch
a nge the contents of AF,AF'
Exchange the contents
01 DE
andHL
Exchange the contents
01BC, DE,HL
with contents
01BC'
, DE', Hl', respectivel
y
HA LT (w
ait
lor interrupt or
reset)
Ope ration Code
7 6 5 4 3 2 1 0
1
0 110
o
10 0 0
o 0 10 1
o 0 1 0 0
1
1
o 0 r r
r
OIlS)
001
1010
11 011101
001
10 101
d d d d d d d d
1111
11 01
001
1010 1
d d d d d d d d
1
1 0 1
o 0 1 0
1 1
1
00
0
1 0
o 1
1 0
o 1
o 0
s s
o 1 1(A)
1
11
o 0 1
o 0 0
o 0 0 0
-
e-2-
o
1 0 0 0 1
o 1 1 1 0
1 0 0 0 1
1
o
1
1
o 0
o
1
o 0 0 0
o 0 0
o 1 0
o 1 1 0 0
o
o
o
No.
01 No. 01
Clocks
Bytes
21
il 8C
=
0
2
and
M( HL)
16 i1BC=0
or A=(HL
)
4
4
4
11
23
3
23
3
10
2
10
2
6
4
8
2
4
19
23
2
23
2
4
4
4
4
Flags
C
Z
P/V
5
•
t(2) t(1) t
• • • •
P
•
V
•
V
•
V
•
V
N
H
•
• • • • • •
• • • • • •
• • • • • •
• • • • • •
• • • • • •
• • • • • •
• • • • • •
• • • • • •
• • • • • •
• • • • • •
• • • • • •
• • • • • •
• • • • • •
��
'l:::
"
Sf
CD
o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com