Electronic Components Datasheet Search
  English  ▼

X  

AH293PLA Datasheet(PDF) 8 Page - Anachip Corp

Part # AH293PLA
Description  Low Voltage Hall-Effect Smart Fan Motor Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH293PLA Datasheet(HTML) 8 Page - Anachip Corp

  AH293PLA Datasheet HTML 1Page - Anachip Corp AH293PLA Datasheet HTML 2Page - Anachip Corp AH293PLA Datasheet HTML 3Page - Anachip Corp AH293PLA Datasheet HTML 4Page - Anachip Corp AH293PLA Datasheet HTML 5Page - Anachip Corp AH293PLA Datasheet HTML 6Page - Anachip Corp AH293PLA Datasheet HTML 7Page - Anachip Corp AH293PLA Datasheet HTML 8Page - Anachip Corp AH293PLA Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AH293
Low Voltage Hall-Effect Smart Fan Motor Controller
Anachip Corp.
www.anachip.com.tw
Rev 0.5 Jun 18, 2004
8/9
(2) Package type: SOT23-5L
θ
Gauge Plane
0.25 mm
L
L1
E1
E
e1
D
12
3
4
5
b
e
b1
b
C
C1
Base
Metal
With
Plating
A2
A1
A
Seating Plane
0.10 C
5x
2(4x)
θ
1(4x)
θ
X
Y
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.05
1.20
1.35
0.041
0.047
0.053
A1
0.05
0.10
0.15
0.002
0.004
0.006
A2
1.00
1.10
1.20
0.039
0.043
0.047
b
0.25
-
0.55
0.010
-
0.022
b1
0.25
0.40
0.45
0.010
0.016
0.018
c
0.08
-
0.20
0.003
-
0.008
c1
0.08
0.11
0.15
0.003
0.004
0.006
D
2.70
2.85
3.00
0.106
0.112
0.118
E
2.60
2.80
3.00
0.102
0.110
0.118
E1
1.50
1.60
1.70
0.059
0.063
0.067
L
0.35
0.45
0.55
0.014
0.018
0.022
L1
0.60 Ref.
0.024 Ref.
e
0.95 Bsc.
0.037 Bsc.
e1
1.90 Bsc.
0.075 Bsc.
θ
0
o
5
o
10
o
0
o
5
o
10
o
θ
1
3
o
5
o
7
o
3
o
5
o
7
o
θ
2
6
o
8
o
10
o
6
o
8
o
10
o
X
-
1.067
-
-
0.042
-
Y
-
0.432
-
-
0.017
-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com