Electronic Components Datasheet Search
  English  ▼

X  

AH293PLA Datasheet(PDF) 1 Page - Anachip Corp

Part # AH293PLA
Description  Low Voltage Hall-Effect Smart Fan Motor Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH293PLA Datasheet(HTML) 1 Page - Anachip Corp

  AH293PLA Datasheet HTML 1Page - Anachip Corp AH293PLA Datasheet HTML 2Page - Anachip Corp AH293PLA Datasheet HTML 3Page - Anachip Corp AH293PLA Datasheet HTML 4Page - Anachip Corp AH293PLA Datasheet HTML 5Page - Anachip Corp AH293PLA Datasheet HTML 6Page - Anachip Corp AH293PLA Datasheet HTML 7Page - Anachip Corp AH293PLA Datasheet HTML 8Page - Anachip Corp AH293PLA Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AH293
Low Voltage Hall-Effect Smart Fan Motor Controller
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 0.5 Jun 18, 2004
1/9
Features
- On chip Hall sensor
- Rotor-locked shutdown
- Automatically restart
- Rotor-state detection (RD) output
- Buil t-in Zener protection for output driver
- Operating voltage: 1.8V~5.75 V
- Output current:
)
AVE
(
O
I
= 400 mA
- Package: SIP-5L, SOT23-5L, SOT89-5L
General Description
AH293 is a monolithic fan motor controller with Hall
sensor’s capability. It contains two complementary
open-collector transistors for motor’s coil driving,
automatic lock current shutdown, and recovery
protections. Besides, rotor-state detection (RD)
output is for speed detection.
To avoid coil burning, rotor-lock shutdown detection
circuit shut down the output driver if the rotor is
blocked and then the automatic recovery circuit will
try to restart the motor. These protecting actions are
repeated and periodic during the blocked period.
Until the blocking is removed, the motor recovers
running normally.
Pin Configuration
1 : RD
2 : VCC
3 : DO
4 : DOB
( Front View )
15
4
3
2
293
5 : GND
SIP-5L
1
3
2
5
4
SOT23-5
VCC GND
DO
DOB
RD
293
1
2
3
74
5
DOB
DO
GND
RD
VCC
SOT89-5L
AH293
Pin Descriptions
Symbol
Description
RD
Rotor-state detection
VCC
Input power
DO
Output pin
DOB
Output pin
GND
Ground
Ordering Information
AH293 X - X X X
Packing
Blank : Tube or Bulk
A : Tape & Reel
P: SIP-5L
Package
Lead
L : Lead Free
Blank: Normal
Wafer Body
Blank or
A~Z : if necessary
to specify
W: SOT23-5L
Y: SOT89-5L


Similar Part No. - AH293PLA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH293 DIODES-AH293 Datasheet
163Kb / 7P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH293 Rev. 2
AH293 DIODES-AH293 Datasheet
73Kb / 8P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
Rev 6
AH293-Y DIODES-AH293-Y Datasheet
163Kb / 7P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH293 Rev. 2
AH293-YG-13 DIODES-AH293-YG-13 Datasheet
73Kb / 8P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
Rev 6
AH293-YL-13 DIODES-AH293-YL-13 Datasheet
163Kb / 7P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH293 Rev. 2
More results

Similar Description - AH293PLA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH291 ETC-AH291 Datasheet
269Kb / 9P
Low Voltage Hall-Effect Smart Fan Motor Controller
AH292 ETC-AH292 Datasheet
272Kb / 9P
Low Voltage Hall-Effect Smart Fan Motor Controller
logo
Anachip Corp
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.4 Apr 16, 2004
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
AH286 DIODES-AH286 Datasheet
186Kb / 10P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH291 DIODES-AH291 Datasheet
183Kb / 10P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH291 Rev. 3
AH292 DIODES-AH292 Datasheet
162Kb / 7P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH292 Rev. 3
AH293 DIODES-AH293 Datasheet
163Kb / 7P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH293 Rev. 2
logo
Anachip Corp
AH291 ANACHIP-AH291 Datasheet
183Kb / 6P
Low Voltage Hall-Effect Smart Fan Motor Controller
Rev. 0.2 Jan 19, 2005
AH292 ANACHIP-AH292 Datasheet
183Kb / 6P
Low Voltage Hall-Effect Smart Fan Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com