Electronic Components Datasheet Search
  English  ▼

X  

OZ8024R Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # OZ8024R
Description  Intelligent Lighting Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OZ8024R Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button OZ8024R Datasheet HTML 35Page - List of Unclassifed Manufacturers OZ8024R Datasheet HTML 36Page - List of Unclassifed Manufacturers OZ8024R Datasheet HTML 37Page - List of Unclassifed Manufacturers OZ8024R Datasheet HTML 38Page - List of Unclassifed Manufacturers OZ8024R Datasheet HTML 39Page - List of Unclassifed Manufacturers OZ8024R Datasheet HTML 40Page - List of Unclassifed Manufacturers OZ8024R Datasheet HTML 41Page - List of Unclassifed Manufacturers OZ8024R Datasheet HTML 42Page - List of Unclassifed Manufacturers OZ8024R Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
39
U.S. Patent #7,847,783; and more patents pending.
OZ9965
GENERAL DESCRIPTION
The OZ9965 is a wide input range, multi-output, power management control-
ler for small panel LCD applications. It controls the DC/DC power conversion
from a single input supply voltage to provide the power needed to drive an LED
backlight module, source drivers and gate drivers used in a LCD application.
OZ9965 includes a high power LED driver controller, a boost converter, and one
general purpose converter that can be configured into either a buck or negative
buck-boost converter.
APPLICATIONS
APPLICATION DIAGRAM
• Car TV
• GPS
FEATURES
• Integrated LED controller and two
(2) DC/DC converters
• User-defined operation frequency
• Wide input voltage range
• Thermal protection
• User-defined shutdown delay time
• LED fault status output
LED Controller
• User-defined boost topology or
buck-boost topology
• Current mode control
• Drives up to 4 strings of LEDs
in parallel
• User-defined string selection
• Integrated LED current balance
control circuit
• External PWM dimming control
• LED open string and short circuit
protection
LED Controller (cont.)
• MOSFET over-current protection
• Over load protection
• Output short circuit or open diode
protection
Boost Converter
• Current mode control
• Over-voltage protection
• MOSFET over-current protection
• Over load protection
• Soft start function
General Purpose Converter
• User-defined negative buck-boost
or buck topology
• Voltage mode control
• Over-voltage and over load
protection
• Soft start function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com