Electronic Components Datasheet Search
  English  ▼

X  

OZ8024R Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # OZ8024R
Description  Intelligent Lighting Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OZ8024R Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button OZ8024R Datasheet HTML 36Page - List of Unclassifed Manufacturers OZ8024R Datasheet HTML 37Page - List of Unclassifed Manufacturers OZ8024R Datasheet HTML 38Page - List of Unclassifed Manufacturers OZ8024R Datasheet HTML 39Page - List of Unclassifed Manufacturers OZ8024R Datasheet HTML 40Page - List of Unclassifed Manufacturers OZ8024R Datasheet HTML 41Page - List of Unclassifed Manufacturers OZ8024R Datasheet HTML 42Page - List of Unclassifed Manufacturers OZ8024R Datasheet HTML 43Page - List of Unclassifed Manufacturers OZ8024R Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
40
OZ9990
FEATURES
• High power DC/DC power converter controller
• Drives up to 4 strings in parallel
• Integrated LED current balance control circuit
• User-defined string selection
• Operation frequency synchronization
• External PWM dimming control
• Time-shift PWM phase dimming control for low audible noise
• LED open string protection
• Output short circuit and open diode protection
• LED short circuit protection
• MOSFET over-current protection
• Thermal protection
• LED fault status output
• Soft start function
GENERAL DESCRIPTION
OZ9990 is a LED controller that drives up to four (4) strings connected in parallel
configuration, with multiple LEDs per string connected in series. It provides four
(4) LED current sense inputs in an “OR” configuration to improve backlight
reliability. This allows the backlight to remain functioning in the event that any
string(s) is damaged during normal operation.
OZ9990 supports external Pulse Width Modulation (PWM) dimming control,
and provides an integrated circuit to balance the current flow through each LED
string.
APPLICATIONS
APPLICATION DIAGRAM
• Car TV
• GPS
U.S. Patent #’s 7,498,793; 7,847,783; and more patents pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com