Electronic Components Datasheet Search
  English  ▼

X  

LD7576KGS Datasheet(PDF) 22 Page - Leadtrend Technology

Part # LD7576KGS
Description  Green-Mode PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7576KGS Datasheet(HTML) 22 Page - Leadtrend Technology

Back Button LD7576KGS Datasheet HTML 14Page - Leadtrend Technology LD7576KGS Datasheet HTML 15Page - Leadtrend Technology LD7576KGS Datasheet HTML 16Page - Leadtrend Technology LD7576KGS Datasheet HTML 17Page - Leadtrend Technology LD7576KGS Datasheet HTML 18Page - Leadtrend Technology LD7576KGS Datasheet HTML 19Page - Leadtrend Technology LD7576KGS Datasheet HTML 20Page - Leadtrend Technology LD7576KGS Datasheet HTML 21Page - Leadtrend Technology LD7576KGS Datasheet HTML 22Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LD7576/76H/76J/76K
22
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7576-DS-04a
December 2009
Revision History
Rev.
Date
Change Notice
00
3/30/07
Original Specification.
01
4/23/07
Oscillator for Switching Frequency updated
02
6/21/07
Electrical Characteristics updated
03
11/30/2007
1.
Features: Adjustable OLP delay time
2.
Detailed Description for COMP pin capacitor.
3.
Electrical Characteristics/ Low Frequency Timer
4.
Green package option.
5.
Block Diagram revision.
03a
6/16/08
Application information/ Protection Resistor on the Hi-V Path/ ……a 40K
Ω resistor is
recommended to implement on…..
04
3/17/09
Application Information: Frequency trembling
04a
12/9/09
Package option: SOP-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com