Electronic Components Datasheet Search
  English  ▼

X  

LD7576KGS Datasheet(PDF) 8 Page - Leadtrend Technology

Part # LD7576KGS
Description  Green-Mode PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7576KGS Datasheet(HTML) 8 Page - Leadtrend Technology

Back Button LD7576KGS Datasheet HTML 4Page - Leadtrend Technology LD7576KGS Datasheet HTML 5Page - Leadtrend Technology LD7576KGS Datasheet HTML 6Page - Leadtrend Technology LD7576KGS Datasheet HTML 7Page - Leadtrend Technology LD7576KGS Datasheet HTML 8Page - Leadtrend Technology LD7576KGS Datasheet HTML 9Page - Leadtrend Technology LD7576KGS Datasheet HTML 10Page - Leadtrend Technology LD7576KGS Datasheet HTML 11Page - Leadtrend Technology LD7576KGS Datasheet HTML 12Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LD7576/76H/76J/76K
8
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7576-DS-04a
December 2009
Typical Performance Characteristics
Temperature (
°C)
Fig. 1 HV Current Source vs. Temperature (HV=500V, Vcc=0V)
0.7
0.9
1.1
1.3
1.5
-40
0
40
80
120 125
Temperature (
°C)
Fig. 2
VCS (off) vs. Temperature
0.78
0.80
0.82
0.84
0.86
0.88
-40
0
40
80
120
125
Fig. 3
UVLO (on) vs. Temperature
Temperature (
°C)
14.0
14.8
15.6
16.4
17.2
18.0
-40
0
40
80
120
125
Temperature (
°C)
Fig. 4
UVLO (off ) vs. Temperature
8
9.6
10.4
12
8.8
-40
0
40
80
120
125
11.2
Fig. 5
Frequency vs. Temperature
Temperature (
°C)
-40
60
62
64
66
68
70
0
40
80
120
125
Temperature (
°C)
Fig. 6
Green Mode Frequency vs. Temperature
14
16
18
20
22
24
-40
0
40
80
120
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com