Electronic Components Datasheet Search
  English  ▼

X  

LD7536GL Datasheet(PDF) 6 Page - Leadtrend Technology

Part # LD7536GL
Description  Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7536GL Datasheet(HTML) 6 Page - Leadtrend Technology

Back Button LD7536GL Datasheet HTML 2Page - Leadtrend Technology LD7536GL Datasheet HTML 3Page - Leadtrend Technology LD7536GL Datasheet HTML 4Page - Leadtrend Technology LD7536GL Datasheet HTML 5Page - Leadtrend Technology LD7536GL Datasheet HTML 6Page - Leadtrend Technology LD7536GL Datasheet HTML 7Page - Leadtrend Technology LD7536GL Datasheet HTML 8Page - Leadtrend Technology LD7536GL Datasheet HTML 9Page - Leadtrend Technology LD7536GL Datasheet HTML 10Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LD7536
6
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7536-DS-02a December 2011
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Gate Drive Output (OUT Pin)
Output Low Level
VCC=15V, Io=20mA
1
V
Output High Level
VCC=15V, Io=20mA
8
V
Rising Time
Load Capacitance=1000pF
--
170
350
ns
Falling Time
Load Capacitance=1000pF
50
100
ns
Max. Duty
75
%
OLP (Over Load Protection)
OLP Trip Level
4.3
4.5
4.7
V
OLP Delay Time
55
65
75
ms
OTP Pin Latch Protection (OTP Pin)
OTP Pin Source Current
77
85
92
μA
Turn-On Trip Level
1.00
1.05
1.10
V
Turn-Off Trip Level
0.9
0.95
1.0
V
OTP pin de-bounce time
250
μs
On Chip OTP (Over Temperature)
OTP Level
140
°C
OTP Hysteresis
30
°C
Soft Start Duration
Soft Start Duration
2
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com