Electronic Components Datasheet Search
  English  ▼

X  

LD7536GL Datasheet(PDF) 11 Page - Leadtrend Technology

Part # LD7536GL
Description  Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7536GL Datasheet(HTML) 11 Page - Leadtrend Technology

Back Button LD7536GL Datasheet HTML 7Page - Leadtrend Technology LD7536GL Datasheet HTML 8Page - Leadtrend Technology LD7536GL Datasheet HTML 9Page - Leadtrend Technology LD7536GL Datasheet HTML 10Page - Leadtrend Technology LD7536GL Datasheet HTML 11Page - Leadtrend Technology LD7536GL Datasheet HTML 12Page - Leadtrend Technology LD7536GL Datasheet HTML 13Page - Leadtrend Technology LD7536GL Datasheet HTML 14Page - Leadtrend Technology LD7536GL Datasheet HTML 15Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LD7536
11
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7536-DS-02a December 2011
Internal Slope Compensation
In the conventional applications, the problem of the
stability is a critical issue for current mode controlling,
when it operates over 50% duty-cycle. As UC384X, It
takes slope compensation from injecting the ramp signal
of the RT/CT pin through a coupling capacitor. It therefore
requires no extra design for the LD7536 since it has
integrated it already.
On/Off Control
The LD7536 can be turned off by pulling COMP pin lower
than 1.4V. The gate output pin of the LD7536 will be
disabled immediately under such condition. The off-mode
can be released when the pull-low signal is removed.
Over
Load
Protection
(OLP)
-
Auto
Recovery
To protect the circuit from damage due to over-load
condition and short or open-loop condition, the LD7536 is
implemented with smart OLP function. It also features
auto recovery function, see Fig. 18 for the waveform. In
case of fault condition, the feedback system will force the
voltage loop toward the saturation and then pull the
voltage high on COMP pin (VCOMP). When the VCOMP
ramps up to the OLP threshold of 4.5V and continues over
OLP delay time, the protection will be activated and then
turn off the gate output to stop the switching of power
circuit.
With the protection mechanism, the average input power
will be minimized to remain the component temperature
and stress within the safe operating area.
VCC
UVLO(on)
UVLO(off)
t
t
COMP
OLP
4.5V
t
OUT
OLP delay time
Switching
Switching
Non-Switching
OLP trip Level
UVLO(off)
OLP Reset
Fig. 18
OVP (Over Voltage Protection) on Vcc -
Latch mode
The Vcc OVP function of LD7536 is in latch mode. As
soon as the voltage of the Vcc pin rises above OVP
threshold, the output gate drive circuit will be shutdown
simultaneous to latch off the power MOSFET. On the
contrast, if the voltage on Vcc pin drops below OVP
threshold and starts AC-recycling again, it will soon
resume to normal operation. Fig. 19 shows its operation.
Fig. 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com