Electronic Components Datasheet Search
  English  ▼

X  

PTH08000WAS2 Datasheet(PDF) 5 Page - Texas Instruments

Part # PTH08000WAS2
Description  2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08000WAS2 Datasheet(HTML) 5 Page - Texas Instruments

  PTH08000WAS2 Datasheet HTML 1Page - Texas Instruments PTH08000WAS2 Datasheet HTML 2Page - Texas Instruments PTH08000WAS2 Datasheet HTML 3Page - Texas Instruments PTH08000WAS2 Datasheet HTML 4Page - Texas Instruments PTH08000WAS2 Datasheet HTML 5Page - Texas Instruments PTH08000WAS2 Datasheet HTML 6Page - Texas Instruments PTH08000WAS2 Datasheet HTML 7Page - Texas Instruments PTH08000WAS2 Datasheet HTML 8Page - Texas Instruments PTH08000WAS2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.ti.com
TYPICAL CHARACTERISTICS (5-V INPUT)(1)(2)
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.25
V
= 3.3 V
O
VO = 1.5 V
VO = 1.8 V
VO = 1.2 V
VO = 1 V
VO = 0.9 V
IO - Output Current - A
V
= 2.5 V
O
10
20
30
40
50
0
0.5
1
1.5
2
2.25
IO - Output Current - A
V
= 2.5 V
O
V
= 1 V
O
V
= 0.9 V
O
V
= 1.5 V
O
V
= 1.2 V
O
V
= 3.3 V
O
V
= 1.8 V
O
20
30
40
50
60
70
80
90
0
0.5
1
1.5
2
2.25
IO - Output Current - A
Airflow
Nat Conv
0
0.5
0.6
0.3
0.4
0.2
0.1
0.7
0.8
0.9
1
0
0.5
1
1.5
2
2.25
I
- Output Current - A
O
V
= 3.3 V
O
V
= 2.5 V
O
V
= 1.8 V
O
V
= 1.5 V
O
V
= 1.2 V
O
V
= 0.9 V
O
V
= 1 V
O
PTH08000W
SLTS248 – JUNE 2005
EFFICIENCY
OUTPUT RIPPLE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 1.
Figure 2.
POWER DISSIPATION
TEMPERATURE DERATING
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 3.
Figure 4.
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 1, Figure 2, and Figure 3.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to modules soldered directly to a 100-mm x 100-mm, double-sided PCB with 2-oz. copper.
Applies to Figure 4.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com