Electronic Components Datasheet Search
  English  ▼

X  

AW8736 Datasheet(PDF) 4 Page - Shanghai awinic technology co.,ltd

Part # AW8736
Description  High efficiency,Ultralow distortion,Constant large volume,Sixth generation Class K Audio Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW8736 Datasheet(HTML) 4 Page - Shanghai awinic technology co.,ltd

  AW8736 Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW8736 Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW8736 Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW8736 Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW8736 Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW8736 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW8736 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW8736 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW8736 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
AW8736 Data Sheet
May 2013 V1.5
High efficiency、Ultralow distortion、Constant large volume、Sixth
generation Class K Audio Amplifier
COPYRIGHT ©2012 SHANGHAI AWINIC TECHNOLOGY CO., LTD.
4
ABSOLUTE MAXIMUM RATING(Note2)
Parameter
Range
Supply Voltage VDD
-0.3V to 6V
INP,INN Input Pin Voltage
-0.3V to VDD+0.3V
Package Thermal Resistance
θJA
69℃/W
Ambient Temperature Range
-40℃ to 85℃
Maximum Junction Temperature TJMAX
125℃
Storage Temperature Range TSTG
-65℃ to 150℃
Lead Temperature(Soldering 10 Seconds)
260℃
ESD Rating(Note 3)
HBM(human body model)
±6KV
Latch-up
Test Condition:JEDEC STANDARD NO.78B DECEMBER 2008
+IT:450mA
-IT:-450mA
Note 2:
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damageto the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those
indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions
for extended periods may affect device reliability.
Note 3:
The human body model is a 100pF capacitor discharged through a 1.5kΩ resistor into each pin. Test method:
MIL-STD-883G Method 3015.7
MODE DESCRIPTION
AW8736 audio amplifier outer input capacitor is Cin,outer input resist is Rin,inner input resist is 16.5K
Ω,
gain Av is 320K/(Rin+16.5K). Recommended typical application is:
1、 Cin=15nF,Rin=3K
Ω,Av=16.3V/V;
2、 Cin=15nF,Rin=10K
Ω,Av=12V/V;
Mode
Enable
Signal
Gain(V/V)
NCN Power(W)
NCN
function
RL=8
Ω
RL=4
Ω
MODE1
16.3
12
1.2
2.25
√
MODE2
16.3
12
1
2
√
MODE3
16.3
12
0.8
1.6
√
MODE4
16.3
12
1.65W@THD=1%
2.15W@THD=1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com