Electronic Components Datasheet Search
  English  ▼

X  

AW8736 Datasheet(PDF) 21 Page - Shanghai awinic technology co.,ltd

Part # AW8736
Description  High efficiency,Ultralow distortion,Constant large volume,Sixth generation Class K Audio Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW8736 Datasheet(HTML) 21 Page - Shanghai awinic technology co.,ltd

Back Button AW8736 Datasheet HTML 15Page - Shanghai awinic technology co.,ltd AW8736 Datasheet HTML 16Page - Shanghai awinic technology co.,ltd AW8736 Datasheet HTML 17Page - Shanghai awinic technology co.,ltd AW8736 Datasheet HTML 18Page - Shanghai awinic technology co.,ltd AW8736 Datasheet HTML 19Page - Shanghai awinic technology co.,ltd AW8736 Datasheet HTML 20Page - Shanghai awinic technology co.,ltd AW8736 Datasheet HTML 21Page - Shanghai awinic technology co.,ltd AW8736 Datasheet HTML 22Page - Shanghai awinic technology co.,ltd AW8736 Datasheet HTML 23Page - Shanghai awinic technology co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
AW8736 Data Sheet
May 2013 V1.5
High efficiency、Ultralow distortion、Constant large volume、Sixth
generation Class K Audio Amplifier
COPYRIGHT ©2012 SHANGHAI AWINIC TECHNOLOGY CO., LTD.
21
Output Capacitor(COUT)
The output capacitor value and ESR directly affect the ripple at PVDD. Increasing COUT reduces output
ripple. Likewise, decreasing the ESR of COUT reduces both ripple and output resistance. A 4.7μF@10V
capacitor is recommended.
Optional Ferrite Bead Filter
The AW8736 passed FCC and CE radiated emissions with no ferrite chip beads and capacitors. Use
ferrite chip beads and capacitors if device near the EMI sensitive circuits and/or there are long leads from
amplifier to speaker, placed as close as possible to the output pin.
Bead
1nF
1nF
VOP
VON
Bead
Figure 16
Ferrite Chip Bead and capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com