Electronic Components Datasheet Search
  English  ▼

X  

AXP288C Datasheet(PDF) 6 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288C
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288C Datasheet(HTML) 6 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288C Datasheet HTML 2Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 3Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 4Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 5Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 6Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 7Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 8Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 9Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 10Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
6
1 Overview
AXP288 is customized PMIC for Intel Bay trail (BYT-CR) and Cherry trail (CHT-CR) platforms.
AXP288 is a highly integrated PMIC targeting at Li-battery (Li-ion or Li-polymer) applications that require multi-channel
power conversion outputs. It provides an easy and flexible power management solution for processors to meet the
increasingly complex and accurate requirements on power control.
AXP288 comes with an adaptive USB3.0-compatible Flash Charger that supports up to 2.8A charge current. It also supports
20 channels power outputs (including 6-CH Bucks). To ensure the security and stability of the power system, AXP288 provides
multiple channels 12-bit ADC for voltage/current/temperature monitor and integrates protection circuits such as OVP, UVP,
OTP, and OCP. Moreover, AXP288 features a unique E-Gauge™(Fuel Gauge) system, making power gauge easy and exact.
In addition, AXP288 embraces a fast interface for the system to dynamically adjust output voltage and enable power
outputs so that the battery life can be extended to the largest extent.
Besides, AXP288 features an IPS™ (Intelligent Power Select) circuit to transparently select power path among USB and
Li-battery to system load.
AXP288 is available in 9mm x 9mm 76-pin QFN package, and the package is Pb free.
Applications :
• Tablet, Smart phone, DVR, Desktop, Dongle
• UMPC-like, Student Computer
Supported processers and corresponding part numbers:
Table 1
Compatible Processor
Application
Part Number
Bay Trail CR
Tablet
AXP288
Bay Trail CR
Desktop, Dongle
AXP288D
Cherry Trail CR
Tablet
AXP288C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com