Electronic Components Datasheet Search
  English  ▼

X  

AXP288C Datasheet(PDF) 62 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288C
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288C Datasheet(HTML) 62 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288C Datasheet HTML 58Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 59Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 60Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 61Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 62Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 63Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 64Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 65Page - Shenzhen X-Powers Technology Co ., Ltd AXP288C Datasheet HTML 66Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
62
Address
Description
R/W
Default
78
Average data bit[11:4] for Battery voltage (BATSENSE)
R
00H
79
Average data bit[3:0] for Battery voltage (BATSENSE)
R
00H
7A
Average data bit[11:4] for Battery charge current
R
00H
7B
Average data bit[3:0] for Battery charge current
R
00H
7C
Average data for Battery discharge current highest 8 bit
R
00H
7D
Average data for Battery discharge current lowest 4 bit
R
00H
80
BUCK PWM/PFM mode select
RW
80H
81
Off-Discharge and Output monitor control
RW
FFH
82
ADC Enable
RW
E1H
84
ADC speed setting, TS pin Control
RW
F2H
85
ADC speed setting
RW
B0H
8A
Timer control
RW
00H
8E
Buck output voltage monitor de-bounce time setting
RW
00H/00H/40H
8F
IRQ pin, hot-over shut down
RW
00H
90
GPIO0(GPADC) control
RW
07H
91
GPIO0LDO and GPIO0 high level voltage setting
RW
1AH
92
GPIO1 control
RW
07H
93
GPIO1LDO and GPIO1 high level voltage setting
RW
1AH
94
GPIO signal bit
R
00H
97
GPIO pull down control
RW
00H
9A
Run time Sleep power up sequence 1
RW
00H
9B
Run time Sleep power up sequence 2
RW
00H
9C
Run time Sleep power down sequence 1
RW
00H
9D
Run time Sleep power down sequence 2
RW
00H
9E
Power rail mode in Sleep state
RW
00H
A0
Real time data bit[11:4] for Battery voltage (BATSENSE)
R
00H
A1
Real time data bit[3:0] for Battery voltage (BATSENSE)
R
00H
B8
Fuel Gauge Control
RW
E8H
B9
Battery capacity percentage for indication
R
64H
BA
RDC 1
RW
80H
BB
RDC 0
RW
5DH
BC
OCV 1
R
00H
BD
OCV 0
R
X0H
E0
Battery maximum capacity
RW
00H
E1
Battery maximum capacity
RW
00H
E2
Coulomb meter counter
RW
00H
E3
Coulomb meter counter
RW
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com