Electronic Components Datasheet Search
  English  ▼

X  

SDB628 Datasheet(PDF) 3 Page - SHOUDING Shouding Semiconductor

Part # SDB628
Description  High Efficiency 1.2MHz 2A Step Up Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SDB628 Datasheet(HTML) 3 Page - SHOUDING Shouding Semiconductor

  SDB628 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SDB628 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SDB628 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SDB628 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SDB628 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SDB628 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SDB628 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELECTRICAL CHARACTERISTICS
(VIN=VEN=5V, TA = 25°C, unless otherwise noted.)
Parameter
Conditions
MIN
TYP
MAX
unit
Operating Input Voltage
2
24
V
Under Voltage Lockout
1.98
V
Under Voltage Lockout Hysteresis
100
mV
Current (Shutdown)
VEN= 0V
0.1
1
µA
Quiescent Current (PFM)
VFB=0.7V,No switch
100
200
µA
Quiescent Current (PWM)
VFB=0.5V,switch
1.6
2.2
mA
Switching Frequency
1.2
MHz
Maximum Duty Cycle
VFB = 0V
90
%
EN Input High Voltage
1.5
V
EN Input Low Voltage
0.4
V
FB Voltage
0.588
0.6
0.612
V
FB Input Bias Current
VFB = 0.6V
-50
-10
nA
SW On Resistance (1)
80
150
mΩ
SW Current Limit (1)
VIN= 5V, Duty cycle=50%
4
A
SW Leakage
VSW = 20V
1
μA
Thermal Shutdown
155
℃
Note:
1) Guaranteed by design, not tested.
3
www.shouding.net
SDB628
Shouding
SD.14



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com