Electronic Components Datasheet Search
  English  ▼

X  

SDB628 Datasheet(PDF) 7 Page - SHOUDING Shouding Semiconductor

Part # SDB628
Description  High Efficiency 1.2MHz 2A Step Up Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SDB628 Datasheet(HTML) 7 Page - SHOUDING Shouding Semiconductor

  SDB628 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SDB628 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SDB628 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SDB628 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SDB628 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SDB628 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SDB628 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PACKAGE DESCRIPTION
TOP VIEW
RECOMMENDED LAND PATTERN
FRONT VIEW
SIDE VIEW
DETAIL “A”
Figure 4. TSOT23-6/SOT23-6 Physical Dimensions
NOTE:
1)ALL DIMENSIONS ARE IN MILLIMETERS.
2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH,PROTRUSION OR GATE BURR.
3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION.
4) LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.10 MILLIMETERS MAX.
5) DRAWING CONFORMS TO JEDEC MO-193, VARIATION AB.
6) DRAWING IS NOT TO SCALE.
7) PIN 1 IS LOWER LEFT PIN WHEN READING TOP MARK FROM LEFT TO RIGHT, (SEE EXAMPLE TOP MARK)
7
www.shouding.net
SDB628
Shouding
B628**
Year week
**
SD.14



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com