Electronic Components Datasheet Search
  English  ▼

X  

K-MC1_LP Datasheet(PDF) 4 Page - RFbeam Microwave GmbH

Part # K-MC1_LP
Description  RADAR TRANSCEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-MC1_LP Datasheet(HTML) 4 Page - RFbeam Microwave GmbH

  K-MC1_LP Datasheet HTML 1Page - RFbeam Microwave GmbH K-MC1_LP Datasheet HTML 2Page - RFbeam Microwave GmbH K-MC1_LP Datasheet HTML 3Page - RFbeam Microwave GmbH K-MC1_LP Datasheet HTML 4Page - RFbeam Microwave GmbH K-MC1_LP Datasheet HTML 5Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
K-MC1_LP RADAR TRANSCEIVER
Datasheet
Application Notes
Main Differences K-MC1_LP vs K-MC1
K-MC_LP
K-MC1
Current consumption (typ.)
7.5mA
70mA
Supply Voltage
3.15V ... 6V
4.75V … 5.25V
VCO Input (FMCW, FSK)
not available
yes
IF highspeed DC output
not available
yes
IF output DC offset (typ.)
1.5V
2.5V
RSW rapid sleep wakeup
not available, not necessary
yes (sleep current typ 7mA)
Sensitivity (typical)
-140dBc
-141dBc
IF noise voltage (typ. @1kHz)
- 91dBV/Hz
-96dBV/Hz
SNR Signal-to-noise ratio
same signal for comparison
K-MC1_LP has similar sensitivity as
K-MC1 despite the higher noise level.
5dB/div → SNR = 32dB
5dB/div → SNR = 33dB
Worst case 1/f Noise
comparison
Low current technology of K-MC1_LP
requires high sensitive mixer diodes in
order to get same sensitivity as K-MC1.
Higher 1/f noise is caused by these
diodes and by aliasing of internal
switching noise.
Please note, that higher K-MC1_LP
noise does not significantly affect the
SNR (signal-to-noise ratio). See
diagrams above for SNR.
K-MC1 sample with minimal noise floor and K-MC1_LP sample with high noise floor
© RFbeam Microwave GmbH, Schuppisstrasse 7, CH-9016 St. Gallen
Page 4/5
dBV, measured at Bandwidth B = 5.4Hz
K-MC1
K-MC1_LP



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com