Electronic Components Datasheet Search
  English  ▼

X  

K-MC1_LP Datasheet(PDF) 1 Page - RFbeam Microwave GmbH

Part # K-MC1_LP
Description  RADAR TRANSCEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-MC1_LP Datasheet(HTML) 1 Page - RFbeam Microwave GmbH

  K-MC1_LP Datasheet HTML 1Page - RFbeam Microwave GmbH K-MC1_LP Datasheet HTML 2Page - RFbeam Microwave GmbH K-MC1_LP Datasheet HTML 3Page - RFbeam Microwave GmbH K-MC1_LP Datasheet HTML 4Page - RFbeam Microwave GmbH K-MC1_LP Datasheet HTML 5Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
K-MC1_LP RADAR TRANSCEIVER
Datasheet
Features
LOW CURRENT 24 GHz short range transceiver
8mA @ 3.3V at same performance as K-MC1
3.3V … 5V supply
Less than 30mW power consumption
High sensitivity, with integrated RF/IF amplifier
Dual 30 patch antenna
Buffered I/Q IF outputs
Beam aperture 25°/12°
Slim 6mm thickness construction
Applications
Battery operated equipment
Traffic supervision
Object speed measurement systems
Industrial sensors
Description
K-MC1_LP is a low current, doppler module
with an asymmetrical narrow beam for long
distance sensors. It is ideally suited for traffic
applicatons.
This module includes a RF low noise amplifier
and two 47dB IF pre-amplifiers for both I and Q
channels. The need for external analogue
electronics will be significantly reduced by this
feature.
K-MC1_LP needs 10 times less current than
our standard K-MC1 sensor and works from
3.3V or 5V power supplies.
An extremely slim construction with only 6mm
depth gives you maximum flexibility in your
equipment design.
Powerful starter kits with signal conditioning
and visualization are available.
Blockdiagram
Fig. 1: K-MC1_LP Blockdiagram
© RFbeam Microwave GmbH, Schuppisstrasse 7, CH-9016 St. Gallen
Page 1/5
Tx
Rx
24.125 GHz
S&H
S&H
I channel
Q channel
3.3V .. 5V
LNA
47dB
47dB
Power Supply Control
40Hz ... 16kHz


Similar Part No. - K-MC1_LP

ManufacturerPart #DatasheetDescription
logo
RFbeam Microwave GmbH
K-MC1 RFBEAM-K-MC1 Datasheet
2Mb / 8P
RADAR TRANSCEIVER
K-MC1 RFBEAM-K-MC1 Datasheet
653Kb / 2P
Radar Evaluation Kit
More results

Similar Description - K-MC1_LP

ManufacturerPart #DatasheetDescription
logo
RFbeam Microwave GmbH
K-HC1 RFBEAM-K-HC1 Datasheet
997Kb / 8P
RADAR TRANSCEIVER
K-LC1A RFBEAM-K-LC1A Datasheet
444Kb / 6P
RADAR TRANSCEIVER
K-LC5_V3 RFBEAM-K-LC5_V3 Datasheet
307Kb / 5P
RADAR TRANSCEIVER
K-LC6 RFBEAM-K-LC6 Datasheet
335Kb / 6P
RADAR TRANSCEIVER
K-LD2 RFBEAM-K-LD2 Datasheet
1Mb / 20P
radar transceiver
K-LD2-EVAL RFBEAM-K-LD2-EVAL Datasheet
1Mb / 13P
radar transceiver
K-MC3 RFBEAM-K-MC3 Datasheet
1Mb / 8P
RADAR TRANSCEIVER
K-LC4 RFBEAM-K-LC4 Datasheet
385Kb / 4P
radar transceiver
K-LC3_V2 RFBEAM-K-LC3_V2 Datasheet
440Kb / 4P
RADAR TRANSCEIVER
K-LC2 RFBEAM-K-LC2 Datasheet
592Kb / 5P
RADAR TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com