Electronic Components Datasheet Search
  English  ▼

X  

K-MD2 Datasheet(PDF) 11 Page - RFbeam Microwave GmbH

Part # K-MD2
Description  Engineering Sample
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-MD2 Datasheet(HTML) 11 Page - RFbeam Microwave GmbH

Back Button K-MD2 Datasheet HTML 7Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 8Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 9Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 10Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 11Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 12Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 13Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 14Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 15Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-MD2 Engineering Sample | data sheet
07/2018 – Revision A | Page 11/23
Tracking
With a set of parameters the number of tracked
targets can be influenced. On each frame the range,
speed and direction of every track is updated. An al-
pha-beta-gamma tracker is used, whereby the speed
is updated with the current acceleration estimate, and
the range is updated with the current speed estimate.
Track Life (PSBL, PSTL)
The list of detected peaks is compared with the
updated list of known tracks. If a peak matches an
existing track, it is marked as associated and the life
of the track is increased. If no peak is found for the
track, the life of the track is decreased. If there is no
existing track for the peak a new track is created.
Once the life of a track reaches a minimum threshold
it is reported as a confirmed track. The life of a track
is limited, in that it will be lost if no detections are as-
sociated with it for the maximum track life. Note that
the track will no longer be reported once the track life
reaches the minimum threshold.
Range and Speed Jitter (PSRJ, PSSJ)
Every new detected target is compared to the known
tracks. If the range and the speed of the new target
are within the jitter values around the track’s speed
and range the target is assigned to the track and the
track is updated.
Assume Constant Speed (PSCS)
When assuming constant speed is on, the tracking al-
gorithm allows only small changes in speed between
each measurement. This is useful when objects are
moving slowly or are moving towards or away from
the radar at high speed (e.g. looking along a road).
It can result in tracks being lost if the speed chan-
ges quickly.
When assuming constant speed is off, the tracking
algorithm allows large changes in speed. This is useful
when objects are moving across the field of view such
that their speed towards the radar changes rapidly as
they pass the radar (e.g. looking across a road). It can
result in tracks being split if the speed information
is noisy.
Direction Threshold
The ‘
direction_error_threshold’ is used
when comparing new detections to existing tracks.
The track will follow the detection that most closely
matches the predicted range, speed and direction of
the track. If all of the detections have a difference in
direction greater than the ‘
direction_error_th-
reshold’, the strongest detection with a matching
range and speed is used.
The value should be set to zero if no multiple object
with a similar range and speed are expected, so
the strongest signal (within the jitter thresholds) is
always tracked.
If multiple objects with the same range and speed are
expected (e.g. when looking along a multi-lane road)
the value can be:
– set small (e.g. 5 degrees) so that the direction is
only used if it matches the track reasonably well,
otherwise the strongest signal is used; or
– set high (e.g. 45 degrees) so that the detection with
the closest match in direction is always used (even
if there is a big difference).
Using smaller values can result in tracks
being merged. Using larger values can result
in tracks being split.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com